Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 70 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 70 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 66Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 67Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 68Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 69Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 70Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 71Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 72Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 73Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 74Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
MT312 Secondary Registers for Test and De-Bugging
70
10.2.35 Viterbi Reference Byte 0. Register 87 (R/W)
VIT REF0 (87)
Default value
128 dec.
80 hex.
VIT REF0[7:0]
Viterbi reference byte 0.
10.2.36 Viterbi Reference Byte 1. Register 88 (R/W)
VIT REF1 (88)
Default value
20 dec.
14 hex.
VIT REF1[7:0]
Viterbi reference byte 1.
10.2.37 Viterbi Reference Byte 2. Register 89 (R/W)
VIT REF2 (89)
Default value
10 dec.
0A hex.
VIT REF2[7:0]
Viterbi reference byte 2.
10.2.38 Viterbi Reference Byte 3. Register 90 (R/W)
VIT REF3 (90)
Default value
6 dec.
06 hex.
VIT REF3[7:0] Viterbi reference byte 3.
10.2.39 Viterbi Reference Byte 4. Register 91 (R/W)
VIT REF4 (91)
Default value
4 dec.
04 hex.
VIT REF4[7:0] Viterbi reference byte 4.
10.2.40 Viterbi Reference Byte 5. Register 92 (R/W)
VIT REF5 (92)
Default value
2 dec.
02 hex.
VIT REF5[7:0] Viterbi reference byte 5.
10.2.41 Viterbi Reference Byte 6. Register 93 (R/W)
VIT REF6 (93)
Default value
1 dec.
01 hex.
VIT REF6[7:0] Viterbi reference byte 6.
10.2.42 Viterbi Maximum Error. Register 94 (R/W)
VIT MAXERR (94)
Default value
148 dec.
94 hex.
VIT MAXERR[7:0]Viterbi maximum error.
This register controls the frequency of the BER indication audio signal, output on the status pin when the FEC
STAT EN register B0 is set high, see pages 11 and 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com