Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 33 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 33 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 29Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 30Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 31Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 32Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 33Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 34Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 35Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 36Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 37Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
DiSEqC Control
MT312
33
B[1-0]:
MAX TONE PER
Maximum Tone Period.
5.3 DiSEqC Control Read Registers
5.3.1 DiSEqC™M 2 Interrupt Indicators. Register 118 (R)
Note that the most significant four bits are not reset on read. The least significant four bits are interrupt bits
which are reset when the register is read. Interrupts indicate events in history. The interrupts may be enabled to
drive the IRQ pin 57 by setting required bit(s) in the DISEQC2 CTRL1 register 121, see 31.
B7-4:
Bits B7-4 denote the following number of bytes received:
B7-4 = (Number of bytes received - Number of bytes read)
Hence this is the number of bytes that would be in the FIFO BUFFER if this buffer had unlimited
capacity. Since the size of this buffer is only 8 bytes, if the above difference, given by bits B7-4,
exceeds eight, that indicates buffer overflow.
B3:
Silent period exceeds 176 ms interrupt (reset on read)
The host may enable interrupts B1 and B3. Then when an interrupt is received, the host may read the
DISEQC2 INT register. Then if bit B3 is one and bit B1 is 0, this indicates there has been a
continuous period 176ms of silence since the end of the transmission. If the host is expecting a reply,
then this silence may be taken to signify a hardware fault in the system.
There is a 5-bit number in the DISEQC2 STATUS BYTE which indicates the length of a continuous
period of silence up to the read time, in multiples of 16 ms.
B2:
Receive error interrupt (reset on read).
Bit B2 indicates an error in the received message. This does not refer to a parity error. It indicates
that a bit has been lost due to excessive noise or interference in the return channel. This is identified
within MT312 by the occurrence of an excessively long tone or silence period within a byte.
101
12 * DISEQC RATIO
(default)
110
13 * DISEQC RATIO
111
14 * DISEQC RATIO
B1-0:
MAX TONE PER
00
6.0 * DISEQC RATIO
(default)
01
6.25 * DISEQC RATIO
10
5.75 * DISEQC RATIO
11
5.5 * DISEQC RATIO
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
DISEQC2 INT
118
DISEQC2 INT[7:0]
R
00
B1-0:
TONE EXT PER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com