Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 18 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 18 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 14Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 15Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 16Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 17Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 18Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 19Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 20Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 21Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 22Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
MT312 Software Control
18
2 MT312 Software Control
This section describes the sequences of register
operations
needed
to
acquire
DVB
and
DSS
channels with known or unknown parameters.
Communication with the MT312 is via a standard 2-
wire bus and the first byte following the chip address,
in write mode, is the register address (RADD).
The register map is organised to group important
Read registers at the lowest addresses, then the
main control Write registers in the next block of
addresses.
The
first
register
to
be
written
must
be
the
Configuration register, which has been placed at the
highest register address, because it is only written
once during the initialisation sequence.
The CONFIG register can only be reset by the
hardware reset. The MT312 is held in a power saving
mode following the hardware reset.
After a hardware reset, the MT312 must be taken out
of the power save mode by writing a one to the MSB
of the CONFIG register (see 1.1 Introduction). When
MT312 is not being used it can be put back into the
power save mode by writing a zero to the MSB of
CONFIG.
2.1 MT312 Register Map Overview
All write / read registers take on default values on full software reset, except for the configuration register (127),
that is only reset to the default value by a hardware reset.
Address
Description
Section
Type
00 - 06
Interrupt and Status
5.1to 5.4-
read
07 - 19, 108 - 117, 123, 124
Primary signal monitors
5.5 to 5.17
read
20 - 39, 41, 96, 103
Primary control parameters
4 to 4.20
write / read
40, 42 - 49, 50 - 106, 125
Secondary parameters
11.1.1 to 11.1.52
write / read
107, 118 - 122
Secondary monitors
11.2.1 to 4.22
read
126
Chip identification
5.18
read
127
Chip configuration
4.22
write / read
Table 2 - MT312 register map overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com