Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 28 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 28 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 24Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 25Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 26Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 27Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 28Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 29Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 30Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 31Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 32Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
MT312 Tuner Control
28
4.5.2 Frequency Error 1 and 2. Registers 111 - 115 (R)
FREQ ERR1[23:0] Ratio of Frequency Compensation Mixer offset to System Clock x 224.
24 bit signed
number. For most purposes the LS byte can be ignored hence the alternative definition is more useful: FREQ
ERR1[23:8] Ratio of Frequency Compensation Mixer offset to System Clock x 216. 16 bit signed number.
FREQ ERR2 [16:0] Ratio of Carrier Synchroniser offset to Symbol Rate x 28. 16 bit signed number. This value
drops to near zero within a second or so of signal lock.
To obtain an accurate value for the frequency offset at any time, especially immediately after lock, the error
from each of these registers can be calculated and add together. In practice only the two most significant bytes
of FREQ ERR 1 are required, so that the net offset can be calculated as:
Frequency offset =
+
Where PLL CLK is the sytem clock frequency (e.g. 60 MHz) and Rs is the symbol rate in MBd.
Any frequency error in FREQ ERR2 transfers to FREQ ERR1 very rapidly after lock, so that any delay between
reading the two values will cause an error in the calculation. It is therefore recommended that the five bytes
above are read as a block, especially if the two wire bus is subject to congestion or other delays.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
FREQ ERR1 H
111
FREQ ERR1[23:16] Input frequency error coarse (high byte)
R
00
FREQ ERR1 M
112
FREQ ERR1[15:8] Input frequency error coarse (middle byte)
R
00
FREQ ERR1 L
113
FREQ ERR1[7:0] Input frequency error coarse (low byte)
R
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
FREQ ERR2 H
114
FREQ ERR2[15:8] Input frequency error fine (high byte)
R
00
FREQ ERR2 L
115
FREQ ERR2[7:0] Input frequency error fine (low byte)
R
00
FREQ_ERR1(23:8)* PLL_CLK
65536
---------------------------------------------------------------------------------
FREQ_ERR2(15:0)*Rs
256
-------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com