Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 22 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 22 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 18Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 19Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 20Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 21Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 22Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 23Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 24Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 25Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 26Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
MT312 Initialisation
22
3.5.2 MT312 Configuration. Register 127 (R/W)
CONFIG[7:0]: This register is for setting up the MT312. It must be loaded first before any other register. It can
only be reset by the RESET pin being pulled low.
B7:
312 EN
High = MT312 enable.
Low = MT312 disable to save power.
B6-5:
DSS B
DSS A
0
0:
DVB mode
0
1:
DSS mode 1 - code rate 2/3
1
0:
DSS mode 2 - code rate 6/7
1
1:
DSS search mode
If both DSS A and DSS B are set high, the MT312 will search for the code rate in DSS mode. Then
the Symbol rate is automatically set to 20Mbaud and SYM RATE registers (23 & 24) are ignored.
Also, any code rate programmed into VIT MODE register (25) and VIT SETUP register (86) will be
ignored.
Also in DSS mode TS SW RATE register (50) must be set to 20, see page 70.
B4:
BPSK
High = BPSK
Low = QPSK
B3-2:
PLL FACTOR[1:0]:
B3-2
Multiplication factor
00:
3
01:
4
10:
6
11:
9
B1:
CRYS15
High = 15MHz crystal.
Low = 10MHz crystal.
B0:
ADCEXT
High = ADC external.
Low = ADC internal.
e.g.
For a crystal frequency of 10MHz, a system clock frequency of 60MHz, the PLL ratio will be 6,
requiring the PLL FACTOR[1:0] = 2.
When MT312 is not being used it can be put into power save mode by setting bit B7 to 0.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
CONFIG
127
312 EN
DSS B DSS A
BPSK
PLL FACTOR
[1:0]
CRYS
15
ADC
EXT
R/W
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com