Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 23 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 23 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 19Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 20Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 21Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 22Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 23Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 24Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 25Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 26Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 27Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
Initialisation
MT312
23
3.5.3 System Clock Frequency. Register 34 (R/W)
SYS CLK[7:0] = System clock frequency * 2 in MHz.
The SYS CLK register must be programmed to indicate the system clock frequency to the calculation unit. The
maximum system clock frequency allowed is 90MHz.
e.g. for a crystal frequency = 10MHz, if the PLL multiplication ratio is 9,
The system clock frequency = 90MHz.
Then SYS CLK[7:0] = 180.
The system clock frequency is NOT affected by the setting of SYS CLK[7:0] register.
3.6 MT312 Initialisation Read Register
3.6.1 Identification. Register 126 (R)
ID[7:0]:
This register provides an identification number related to the MT312 version.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
SYS CLK
34
SYS CLK[7:0] - System clock frequency x2 in MHz
R/W
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
ID
126
ID[7:0] Chip identification.
R
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com