Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 32 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 32 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 28Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 29Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 30Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 31Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 32Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 33Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 34Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 35Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 36Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
MT312 DiSEqC Control
32
This is the software (partial) reset for DISEQC2 module. If this is set to 1 in the DISEQC2 listen (or
receive) period, any listen operations will be aborted and DISEQC2 will wait until the end of the next
transmission to expect a reply.
Note that the host beginning the next DISEQC2 transmission will have a similar effect to writing bit 4.
B3:
Interrupt enable for bit B3 of DISEQC2 INT STAT register 118.
B2:
Interrupt enable for bit B2 of DISEQC2 INT STAT register 118.
B1:
Interrupt enable for bit B1 of DISEQC2 INT STAT register 118.
B0:
Interrupt enable for bit B0 of DISEQC2 INT STAT register 118.
Bits B0 and B3 are interrupt enables. These determine whether bits B0 to B3 of DISEQC2 INT (register 118,
see 33) have any impact on the pin IRQ 57 of the MT312.
Note that buffer overflow interrupt does not have an interrupt enable and hence this cannot be brought out to
the IRQ pin.
5.2.5 DiSEqCTM 2 Control 2. Registers 122 (R/W)
B[7:5]:
MIN PULS PER
Minimum Pulse Period.
B[4-2]:
TONE EXT PER
Tone Impulse Extended Period.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
DISEQC2
CTRL2
122
MIN PULS PER
TONE EXT PER
MAX TONE
PER
R/W
D4
B7-5:
MIN PULS PER
000
24 * DISEQC RATIO
001
25 * DISEQC RATIO
010
26 * DISEQC RATIO
011
27 * DISEQC RATIO
100
28 * DISEQC RATIO
101
29 * DISEQC RATIO
110
30 * DISEQC RATIO
(default)
111
31 * DISEQC RATIO
B1-0:
TONE EXT PER
000
7 * DISEQC RATIO
001
8 * DISEQC RATIO
010
9 * DISEQC RATIO
011
10 * DISEQC RATIO
100
11 * DISEQC RATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com