Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 29 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 29 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 25Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 26Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 27Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 28Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 29Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 30Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 31Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 32Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 33Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
DiSEqC Control
MT312
29
5 DiSEqC Control
5.1 Screen Printouts of DiSEqC™ Waveforms
The timing periods of the 16ms before the data byte and 16ms afterwards to the interrupt being asserted are
clearly shown. The restoration of the 22kHz after the interrupt is controlled by software.
A 'zero' comprises 22kHz on for 1ms then off for 0.5ms. A 'one' comprises 22kHz on for 0.5ms then off for 1ms.
The ninth bit is an odd parity bit.
Figure 20 - A DiSEqC™ data byte interrupting a continuous 22kHz tone
Figure 21 - One DiSEqC™ data byte - 0x11 (hex) plus parity bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com