Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 82 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 82 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 78Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 79Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 80Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 81Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 82Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 83Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 84Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 85Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 86Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
MT312 Electrical Characteristics
82
Note 1. 8V tolerant pins with thresholds related to 3.3V.
12.6 Alphabetical Listing of Pin-Out
24
ADCFGND
ADC core front end VSS. Must be
connected to analogue GND.
0
22
PLLGND
PLL VSS. Must be connected to
analogue GND.
0
77,78,79,80,3
IIN[5:1]
Test bus, all inputs must be connected to
VSS.
I/O
CMOS
3.3
1
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
ADCAGND
36
CVDD
17
IIN[4]
78
PLLVDD
21
ADCAVDD
37
CVDD
42
IIN[5]
77
QREF
34
ADCDVDD
30
CVDD
50
IREF
27
QSINGP
33
ADCDGND
31
CVDD
62
IRQ
57
RESET
49
ADCFGND
24
CVDD
67
ISINGP
28
RREF
38
ADCFVDD
25
CVSS
1
MDO[0]
59
STATUS
52
ADDR[1]
12
CVSS
10
MDO[1]
61
TEST1
39
ADDR[2]
11
CVSS
20
MDO[2]
63
TEST2
40
ADDR[3]
8
CVSS
41
MDO[3]
64
TESTCLK
16
ADDR[4]
7
CVSS
51
MDO[4]
65
VRB
35
ADDR[5]
6
CVSS
60
MDO[5]
66
VRM
32
ADDR[6]
5
CVSS
70
MDO[6]
68
VRT
26
ADDR[7]
4
DATA1
54
MDO[7]
69
VDD
13
AGC
43
DATA2/GPP1
45
MDOEN
71
CVDD
55
BKERR
75
DISEQC0
22kHz
48
MICLK
14
VDD
73
CLK1
53
DISEQC1 HV
47
MOCLK
58
VSS
15
CLK2/GPP0
44
DISEQC2/
GPP2
46
MOSTRT
76
VSS
56
NC
29
IIN[1]
3
MOVAL
72
VSS
74
CVDD
2
IIN[2]
80
PLL1
23
XTI
18
CVDD
9
IIN[3]
79
PLLGND
22
XTO
19
Table 12 - Alphabetical listing of pin-out
Pin
Name
Description
I/O
Note
V
mA
53
CLK1
2-wire serial bus clock
I
CMOS
5 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com