Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 48 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 48 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 44Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 45Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 46Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 47Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 48Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 49Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 50Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 51Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 52Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
MT312 Forward Error Correction
48
B0:
BER tog High = BER toggle. This bit enables the audio signal output on the STATUS pin it indicates
BER during dish alignment, see 12, section 1.4.1.2. The frequency of the signal is controlled by
VIT MAXERR register (94), see 70.
7.1.3 FEC Set Up. Register 97 (R/W)
B7:
When MANUAL MOCLK (register 96 bit 7) is Low then:
DIS SR
High = Disable use of Symbol Rate for MOCLK generation.
Low = Use Symbol Rate for MOCLK generation.
When MANUAL MOCLK (register 96 bit 7) is High then:
DIS SR
High = Use external MICLK (pin 14) signal for MOCLK.
Low = Manually set MOCLK period from MOCLK RATIO (reg. 33).
B6:
ENCLKO
High = Enable clock out for test purposes.
B5:
DIS DS
High = Disable de-scrambler.
B4:
DIS RS
High = Disable Reed Solomon decoder.
B3:
DIS VIT
High = Disable Viterbi (Viterbi by pass mode)
B2:
EN PRS
High = Enable programmed synchronisation byte in register 98.
B1-0:DS LK[1:0] + 2 =Number of bytes for de-scrambler to lose lock. The default register value of 3 is
equivalent to 5 bad sync words.
7.2 Forward Error Correction Read Registers
7.2.1 FEC Interrupt. Register 3 (R)
B7:
High = DiSEqC™
B6:
High = Byte Align lock lost
B5:
High = Byte Align lockimportant indicator.
B4:
High = Viterbi lock lost
B3:
High = Viterbi lock
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
FEC SETUP
97
DIS SR
ENCL
KO
DIS
DS
DIS
RS
DIS
VIT
EN
PRS
DS LK[1:0]
R/W
03
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
FEC INT
03
FEC INT[7:0] Interrupt FEC
R
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com