Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MT312C/CG Datasheet HTML 1Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 2Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 3Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 4Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 5Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 6Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 7Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 8Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
MT312 Design Manual
2
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
1
CVSS
21
PLLVDD
41
CVSS
61
MDO[1]
2
CVDD
22
PLLGND
42
CVDD
62
CVDD
3
IIN[1]
23
PLL1
43
AGC
63
MDO[2]
4
ADDR[7]
24
ADCFGND
44
CLK2/GPP0
64
MDO[3]
5
ADDR[6]
25
ADCFVDD
45
DATA2/GPP1
65
MDO[4]
6
ADDR[5]
26
VRT
46
DISEQC2/GPP2
66
MDO[5]
7
ADDR[4]
27
IREF
47
DISEQC1 HV
67
CVDD
8
ADDR[3]
28
ISINGP
48
DISEQC0 22kHz
68
MDO[6]
9
CVDD
29
NC
49
RESET
69
MDO[7]
10
CVSS
30
ADCDVDD
50
CVDD
70
CVSS
11
ADDR[2]
31
ADCDGND
51
CVSS
71
MDOEN
12
ADDR[1]
32
VRM
52
STATUS
72
MOVAL
13
VDD
33
QSINGP
53
CLK1
73
VDD
14
MICLK
34
QREF
54
DATA1
74
VSS
15
VSS
35
VRB
55
CVDD
75
BKERR
16
TESTCLK
36
ADCAGND
56
VSS
76
MOSTRT
17
CVDD
37
ADCAVDD
57
IRQ
77
IIN[5]
18
XTI
38
RREF
58
MOCLK
78
IIN[4]
19
XTO
39
TEST1
59
MDO[0]
79
IIN[3]
20
CVSS
40
TEST2
60
CVSS
80
IIN[2]
Table 1 - MT312 pin-out
1
80
61
20
21
40
41
60
Figure 2 - System Block Diagram - SNIM5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com