Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 34 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 34 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 30Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 31Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 32Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 33Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 34Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 35Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 36Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 37Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 38Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
MT312 DiSEqC Control
34
B1:
End of message interrupt (reset on read).
Bit B1 indicates a new message has been received. The end of a message is identified by a silent
period of about 6 ms following a byte. The end-of-message interrupt bit makes it easier for the host
processor to read DiSEqC™ data from MT312. Instead of reading a byte at a time, it can read the
message as a whole.
It is important to note that MT312 does not stop accepting bytes after setting end-of-message
interrupt. It will receive new messages, if any, whilst the current message is being read by the host.
Since 2-wire bus read rate is higher than the byte receive rate, there is no reason for FIFO buffer
overflow. After every received message there will be an interrupt.
B0:
End of byte interrupt (reset on read).
Bit B0 is set when a new byte is received. The host may wish to ignore byte interrupts and opt to read
received messages, as described below.
It is important to note that MT312 does not stop accepting bytes after setting end-of-message
interrupt. It will receive new messages, if any, whilst the current message is being read by the host.
Since 2-wire bus read rate is higher than the byte receive rate, there is no reason for FIFO buffer
overflow.
After every received message there will be an interrupt.
5.3.2 DiSEqC™M 2 Status Indicators. Register 119 (R)
B7-5:
DISEQC2 Finite State Machine State. This is primarily for debugging the device.
B4-0:
Silent period since last received bit, in multiples of 16 ms.
Bits B4-0 is reset to zero when a bit is received. When this 5-bit number reaches 176, the interrupt bit
B3 of DISEQC2 INT register is set. This is saturated to 31. Hence if the total period exceeds 496
ms this counter will continue to indicate 31.
5.3.3 DiSEqC™ 2 FIFO. Register 120 (R)
Odd byte read of register 120:
Even byte read of register 120:
This FIFO contains data bytes and parity bits collected. This can hold a maximum of 8 data bytes, 8 parity bits
and 8 parity error bits. The parity error bit is defined as the inverse of the exclusive-OR combination (or
modulo-2 addition) of all 9 bits (8 data and 1 parity). This bit will be zero when there is no parity error.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
DISEQC2 STAT
119
DISEQC2 STATUS[7:0]
R
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
DISEQC2 FIFO
120
DISEQC2 FIFO[7:0]
R
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com