Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 12 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 12 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 8Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 9Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 10Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 11Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 12Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 13Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 14Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 15Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 16Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
MT312 Functional Overview
12
Figure 5 shows the bit errors rising until the
maximum programmed value of VIT ERRPER[23:0]
is reached, when an interrupt is generated on the
IRQ line to advise the host microprocessor that a
new value of bit error count has been loaded into the
VIT ERRCNT [23:0] register. The IRQ line will go
high when the IE FEC register is read by the host
microprocessor. The error count may be expressed
as a ratio:
1.4.1.2 Viterbi Error Count Coarse Indication
To assist in the process of aligning the receiver dish
aerial, a coarse indication of the number of bit errors
being received can be provided by monitoring the
STATUS line with the following set up conditions.
The frequency of the output waveform will be a
function of the bit error count (triggering the
maximum
value
programmed
into
the
VIT
MAXERR[7:0] register and the dish alignment on the
satellite. This VIT MAXERR mode is enabled by
setting the FEC STAT EN register bit B0. Figure 5
above shows the bit errors rising to the maximum
value programmed and triggering a change of state
on the STATUS line.
1.4.2 The Frame Alignment Block
The frame alignment algorithm detects a sequence
of correctly spaced synchronising bytes in the Viterbi
decoded bit-stream and arranges the input into
blocks of data bytes. Each block consists of 204
bytes for DVB and 147 bytes for DSS. In the DSS
mode, the synchronising byte is removed from the
data stream, so only 146 bytes of a block are passed
to the next stage. The frame alignment block also
removes the 180° phase ambiguity not removed by
Viterbi decoder.
VIT_ERRCNT[23:0]
VIT_ERRPER[23:0]*4
----------------------------------------------------------
Figure 5 - Viterbi error count measurement
0
0
ERROR
COUNT
VIT_ERRCNT[23:0]
VIT_ERRPER[23:0]
DATA BITS
IRQ
0
0
DATA BITS
VIT_MAXERR[7:0]
VITERBI
COURSE
BIT
ERROR
COUNT
STATUS
Figure 6 - Viterbi error count coarse indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com