Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 49 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 49 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 45Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 46Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 47Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 48Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 49Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 50Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 51Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 52Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 53Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Forward Error Correction
MT312
49
B2:
High = Viterbi BER monitor period reached
B1:
High = De-scrambler lock lost
B0:
High = De-scrambler lock
Reading an Interrupt register resets that register.
7.2.2 FEC Status. Register 6 (R)
B7:
Reserved
B6-4:
Viterbi coding rate
B3:
High = De-scrambler lock
B2:
High = Byte Align lock
B1:
High = Viterbi lock
B0:
Reserved
7.2.3 Measured Signal to Noise Ratio. Registers 9 - 10 (R)
B15:
Reserved
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
FEC STATUS
06
FEC STATUS[7:0]
R
00
B6-4
Code rate indication
0
1/2
1
2/3
2
3/4
3
5/6
4
6/7
5
7/8
Table 3 - Viterbi code rate indication
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
M SN R H
09
Reserved
M SNR[14:8] Measured SNR (high byte)
R
00
M SNR L
10
M SNR[7:0] Measured SNR (low byte)
R
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com