Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT312C/CG Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT312C/CG Datasheet HTML 1Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 2Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 3Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 4Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 5Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 6Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 7Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 8Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
Design Manual
MT312
3
Quick start overview
The MT312 is a QPSK/BPSK 1 to 45MBaud
demodulator and channel decoder for digital satellite
television transmissions compliant to both DVB-S
and DSS standards and other systems, such as
LMDS, that use the same architecture.
A
Command
Driven
Control
(CDC)
system
is
provided making the MT312 very simple to program.
After the tuner has been programmed to the required
frequency, to acquire a DVB transmission, the
MT312 requires a minimum of five registers to be
written. Activity flow diagrams for initialisation and
basic channel change are included in section 2.
The MT312 provides a monitor of Bit Error Rate after
the QPSK module and also after the Viterbi module.
For receiver installation, a high speed scan or 'blind
search' mode is available. This allows all signals
from a given satellite to be evaluated for frequency,
symbol rate and convolutional coding scheme. The
phase of the IQ signals can be automatically
determined.
Full DiSEqC™ v2.2 is provided for both writing and
reading DiSEqC™ messages. Storage in registers
for up to eight data bytes sent and eight data bytes
received is provided.
Figure 3 - MT312 Functional Block Diagram
Analog
AG
Ccontrol
Dual ADC
De-rotator
Decimation
Filteriing
Timing recovery
Matched filter
Phase recovery
DVB
DSS
FEC
Clock Generation
Acquisition
Control
I?C
Interface
Bus I/O
MPEG/
DSS
Packets
I I/P
Q I/P
Additional Features
•
2-wire bus microprocessor interface.
•
All digital clock and carrier recovery.
•
On-chip PLL clock generation using low cost 10
to 15MHz crystal.
•
3.3V operation.
•
80 pin MQFP package.
•
Low external component count.
•
Commercial temperature range 0 to 70°C.
Demodulator
•
BPSK or QPSK programmable.
•
Optional fast acquisition mode for low symbol
rates.
Viterbi
•
Programmable decoder rates 1/2, 2/3, 3/4, 5/6,
6/7, 7/8.
•
Automatic spectrum resolution of IQ phase.
•
Constraint length k=7.
•
Trace back depth 128.
•
Extensive SNR and BER monitors.
De-Interleaver
•
Compliant with DVB and DSS standards.
Reed Solomon
•
(204, 188) for DVB and (146,130) for DSS.
•
Reed Solomon Bit-error-rate monitor to indicate
Viterbi performance.
De-Scrambler
•
EBU specification De-scrambler for DVB mode.
Outputs
•
MPEG transport parallel & serial output.
•
MPEG clock input for external synchronising of
MPEG data output.
•
Integrated MPEG2 TEI bit processing for DVB
only.
Application Support
•
Channel decoder system evaluation board.
•
Windows based evaluation software.
•
ANSI C generic software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com