Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 18Page - Microchip Technology MCP39F521 Datasheet HTML 19Page - Microchip Technology MCP39F521 Datasheet HTML 20Page - Microchip Technology MCP39F521 Datasheet HTML 21Page - Microchip Technology MCP39F521 Datasheet HTML 22Page - Microchip Technology MCP39F521 Datasheet HTML 23Page - Microchip Technology MCP39F521 Datasheet HTML 24Page - Microchip Technology MCP39F521 Datasheet HTML 25Page - Microchip Technology MCP39F521 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
MCP39F521
DS20005442A-page 22
 2015 Microchip Technology Inc.
5.0
CALCULATION ENGINE (CE)
DESCRIPTION
5.1
Computation Cycle Overview
The MCP39F521 uses a coherent sampling algorithm
to phase lock the sampling rate to the line frequency
with an integer number of samples per line cycle, and
reports all power output quantities at a 2N number of
line cycles. This is defined as a computation cycle and
is dependent on the line frequency, so any change in
the line frequency will change the update rate of the
output power quantities.
5.2
Accumulation Interval Parameter
The accumulation interval is defined as an 2N number
of line cycles, where N is the value in the Accumulation
Interval Parameter register.
5.3
Raw Voltage and Currents Signal
Conditioning
The first set of signal conditioning that occurs inside the
MCP39F521 is shown in Figure 5-1. All conditions set
in this diagram effect all of the output registers
(RMS current, RMS voltage, active power, reactive
power, apparent power, etc.). The gain of the PGA, the
Shutdown and Reset status of the 24-bit ADCs are all
controlled through the System Configuration register
(Register 6-2).
For DC applications, offset can be removed by using
the DC Offset Current register. To compensate for any
external phase error between the current and voltage
channels, the Phase Compensation register can be
used.
See Section 8.0, MCP39F521 Calibration for more
information on device calibration.
FIGURE 5-1:
Channel I1 and V1 Signal Flow.
5.4
RMS Current and RMS Voltage
The
MCP39F521
device
provides
true
RMS
measurements. The MCP39F521 device has two
simultaneous sampling 24-bit A/D converters for the
current and voltage measurements. The root mean
square calculations are performed on 2N current and
voltage samples, where N is defined by the register
Accumulation Interval Parameter.
EQUATION 5-1:
RMS CURRENT AND
VOLTAGE
CHANNEL I1
24-bit
 ADC
Multi-Level
Modulator
DC Offset Current:s16
+
+
CHANNEL V1
24-bit
 ADC
Multi-Level
Modulator
PhaseCompensation:s16
+
-
PGA
I1+
I1-
+
-
PGA
V1+
V1-
SystemConfiguration:b32
i
v
Note
1:
High-Pass Filters (HPFs) are automatically disabled in the absence of an AC signal on the voltage channel.
HPF 1
HPF 1
I
RMS
i
n

2
n0
=
2
N
1
–
2
N
-----------------------------
=
V
RMS
v
n

2
n0
=
2
N
1
–
2
N
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com