Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 21Page - Microchip Technology MCP39F521 Datasheet HTML 22Page - Microchip Technology MCP39F521 Datasheet HTML 23Page - Microchip Technology MCP39F521 Datasheet HTML 24Page - Microchip Technology MCP39F521 Datasheet HTML 25Page - Microchip Technology MCP39F521 Datasheet HTML 26Page - Microchip Technology MCP39F521 Datasheet HTML 27Page - Microchip Technology MCP39F521 Datasheet HTML 28Page - Microchip Technology MCP39F521 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 25
MCP39F521
5.9
Power Factor (PF)
Power factor is calculated by the ratio of P to S or active
power divided by apparent power.
EQUATION 5-5:
POWER FACTOR
The Power Factor Reading is stored in a signed 16-bit
register (Power Factor). This register is a signed, two's
complement register with the MSB representing the
polarity of the power factor. Positive means inductive
load, negative means capacitive load. Each LSB is
then equivalent to a weight of 2-15. A maximum register
value of 0x7FFF corresponds to a power factor of 1.
The minimum register value of 0x8000 corresponds to
a power factor of -1.
5.10
Reactive Power (Q)
In the MCP39F521, Reactive Power is calculated using
a 90 degree phase shift in the voltage channel. The
same accumulation principles apply as with active
power where ACCU acts as an accumulator. Any light
load or residual power can be removed by using the
Offset Reactive Power register. Gain is corrected by
the Gain Reactive Power register. The final output is an
unsigned 32-bit value located in the Reactive Power
register.
Please note that although this register is unsigned, the
direction of the power can be determined by the
Reactive Power Sign bit (SIGN_PR) in the System
Status register (Register 6-1).
FIGURE 5-5:
Reactive Power Calculation Signal Flow.
PF
P
S
---
=
OffsetReactivePower:s32
X
ACCU1
0
HPF
ReactivePower:u32
+
-
HPF (+90deg.)
X
GainReactivePower:u16
Range:b32
2N-1
÷ 2N
÷2RANGE
i
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com