Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 1 Page - Microchip Technology

  MCP39F521 Datasheet HTML 1Page - Microchip Technology MCP39F521 Datasheet HTML 2Page - Microchip Technology MCP39F521 Datasheet HTML 3Page - Microchip Technology MCP39F521 Datasheet HTML 4Page - Microchip Technology MCP39F521 Datasheet HTML 5Page - Microchip Technology MCP39F521 Datasheet HTML 6Page - Microchip Technology MCP39F521 Datasheet HTML 7Page - Microchip Technology MCP39F521 Datasheet HTML 8Page - Microchip Technology MCP39F521 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 1
MCP39F521
Features
• Power Monitoring Accuracy Capable of 0.1%
Error Across 4000:1 Dynamic Range
• Built-In Calculations on Fast 16-bit Processing
Core
- Active, Reactive, Apparent Power
- True Root Mean Square (RMS) Current,
RMS Voltage
- Line Frequency, Power Factor
• 64-bit Wide Import and Export Active Energy
Accumulation Registers
• 64-bit Four Quadrant Reactive Energy
Accumulation Registers
• Signed Active and Reactive Power Outputs
• Dedicated Zero Crossing Detection (ZCD) Pin
Output with Less than 100 µs Latency
• Automatic Event Pin Control through Fast Voltage
Surge Detection, Less than 5 ms Delay
•I2C Interface, up to 400 kHz Clock Rate
• Two Independent Registers for Minimum and
Maximum Output Quantity Tracking
• Fast Calibration Routines and Simplified
Command Protocol
• 512 Bytes User-Accessible EEPROM through
Page Read/Write Commands
• Low-Drift Internal Voltage Reference,
10 ppm/°C Typical
• 28-lead 5 x 5 mm QFN Package
• Extended Temperature Range -40°C to +125°C
Applications
• Power Monitoring for Home Automation
• Industrial Lighting Power Monitoring
• Real-Time Measurement of Input Power for
AC/DC Supplies
• Intelligent Power Distribution Units
Description
The MCP39F521 is a highly integrated, complete
single-phase power-monitoring device, designed for
real-time measurement of input power for AC/DC
power supplies, power distribution units, consumer and
industrial
applications.
It
includes
dual-channel
delta-sigma ADCs, a 16-bit calculation engine,
EEPROM and a flexible two-wire I2C interface.
An integrated
low-drift
voltage
reference
with
10 ppm/°C in addition to 94.5 dB of signal-to-noise and
distortion ratio (SINAD) performance on each
measurement channel allows for better than 0.1%
accurate designs across a 4000:1 dynamic range.
Package Types
1
25
2
3
4
5
8 9 10 11 12
20
18
17
28 27 26
24
EVENT
NC
COMMONB
COMMONA
NC
EP
29
6
7
OSCI
OSCO
13 14
16
15
23 22
I1+
I1-
V1-
V1+
AN_IN
AGND
A1
MCP39F521
5x5 QFN*
*Includes Exposed Thermal Pad (EP); see Table 3-1.
19
21
I2C Power Monitor with Calculation and Energy Accumulation


Similar Part No. - MCP39F521

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
MCP39F511-E/MQ MICROCHIP-MCP39F511-E/MQ Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
MCP39F511A MICROCHIP-MCP39F511A Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
MCP39F511A-EMQ MICROCHIP-MCP39F511A-EMQ Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
MCP39F511AT-EMQ MICROCHIP-MCP39F511AT-EMQ Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
More results

Similar Description - MCP39F521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
8/05-Sp0 to Rev. A
logo
Linear Technology
LTC2970CUFD LINER-LTC2970CUFD Datasheet
372Kb / 36P
Dual I2C Power Supply Monitor and
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
Dual I2C Power Supply Monitor and
logo
Analog Devices
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
logo
Linear Technology
LTC2946 LINER-LTC2946_15 Datasheet
467Kb / 42P
Wide Range I2C Power, Charge and Energy Monitor
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
PAC1710 MICROCHIP-PAC1710 Datasheet
492Kb / 48P
Single and Dual High-Side Current-Sense Monitor with Power Calculation
07/14/15
logo
SMSC Corporation
PAC1720 SMSC-PAC1720 Datasheet
772Kb / 47P
Dual High-Side Current Sense Monitor with Power Calculation
logo
Linear Technology
LTC2975 LINER-LTC2975 Datasheet
1Mb / 26P
4-Channel Power Supply System Featuring the Power System Manager with Input Energy Accumulation
logo
Microchip Technology
MCP39F511A MICROCHIP-MCP39F511A Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com