Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 11Page - Microchip Technology MCP39F521 Datasheet HTML 12Page - Microchip Technology MCP39F521 Datasheet HTML 13Page - Microchip Technology MCP39F521 Datasheet HTML 14Page - Microchip Technology MCP39F521 Datasheet HTML 15Page - Microchip Technology MCP39F521 Datasheet HTML 16Page - Microchip Technology MCP39F521 Datasheet HTML 17Page - Microchip Technology MCP39F521 Datasheet HTML 18Page - Microchip Technology MCP39F521 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 15
MCP39F521
4.0
COMMUNICATION PROTOCOL
The I2C communication protocol is a frame-based
protocol, with a complete communication frame
occurring between the I2C start and stop bits.
A command frame is a write transmission from the I2C
master to the MCP39F521 device.
A read response frame is read transmission from the
I2C master to the MCP39F521.
Each command frame consists of a header byte, the
number of bytes in the frame, command packet (or
command packets) and a checksum.
Each response frame consists of either a ACK, NAK,
CSFAIL, or ACK+Data with checksum.
4.1
COMMUNICATION FRAMES
The following two figures represent the command frames and read request frames.
FIGURE 4-1:
MCP39F521 Command Write Frame.
FIGURE 4-2:
MCP39F521 Read Response Frame (ACK with Data).
The following two figures represent I2C command frame writes and read frame responses.
FIGURE 4-3:
I2C Command Write Frame.
FIGURE 4-4:
I2C Read Response Frame.
Note:
If a custom communication protocol is
desired, please contact a Microchip sales
office.
Header Byte (0xA5) Number of Bytes
Command Packet1 Command Packet2
...Command Packet n
Checksum
Command
BYTE0
BYTE1 BYTE2 BYTE N
BYTE N
Command Frame
Frame Byte 1
Frame Byte 2
Frame Byte 3
Frame Byte N
...
ACK (0x06)
Number of Bytes
Data Byte 1
Data Byte 2
...Data Byte N
Checksum
Read Response Frame
Frame Byte 1
Frame Byte 2
Frame Byte 3
Frame Byte N
...
Frame Byte 4
Frame Byte N-1
Bus Activity
Master
SDA Line
Bus Activity
S 1
1 0 1
1
A
1
A
0 0
S
T
A
R
T
A
C
K
0
Control Byte
Frame Byte 1
A
C
K
0
Frame Byte 2
A
C
K
0
Frame Byte N
A
C
K
0
Frame Byte 3
P
S
T
A
R
T
S
T
O
P
A
C
K
0
Command
Command
Command
Command
Bus Activity
Master
SDA Line
Bus Activity
S 1
1 0 1
1
A
1
A
0 1
S
T
A
R
T
A
C
K
0
Control Byte
Frame Byte 1
A
C
K
0
Frame Byte 2
A
C
K
0
Frame Byte N
A
C
K
0
Frame Byte 3
P
S
T
A
R
T
S
T
O
P
A
C
K
1
Response
Response
N
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com