Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 12Page - Microchip Technology MCP39F521 Datasheet HTML 13Page - Microchip Technology MCP39F521 Datasheet HTML 14Page - Microchip Technology MCP39F521 Datasheet HTML 15Page - Microchip Technology MCP39F521 Datasheet HTML 16Page - Microchip Technology MCP39F521 Datasheet HTML 17Page - Microchip Technology MCP39F521 Datasheet HTML 18Page - Microchip Technology MCP39F521 Datasheet HTML 19Page - Microchip Technology MCP39F521 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
MCP39F521
DS20005442A-page 16
 2015 Microchip Technology Inc.
This approach allows for single, secure transmission
from the host processor to the MCP39F521 with either
a
single
command,
or
multiple
commands.
No command in a frame is processed until the frame is
complete and the checksum and number of bytes are
validated after the stop bit.
The number of bytes in an individual command packet
depends on the specific command. For example, to set
the instruction pointer, three bytes are needed in the
packet: the command byte and two bytes for the
address you want to set to the pointer. The first byte in
a command packet is always the command byte.
4.2
I2C CONTROL BYTE
A Control byte is the first byte received following the
Start condition from the master device. The Control
byte consists of a 4-bit control code. For the
MCP39F521 the control code is ‘1110’ for all read and
write operations. The following three bits are
chip-select address bits, A2, A1, and A0. For the
MCP39F521, A2 is always set to binary ‘1’. A1 and A0
are controlled by the logic pins A1 and A0, which
allows up to 4 different devices on the I2C bus.
The last bit of the Control byte defines the operation to
be performed. When set to ‘1’, a read operation is
selected. When set to ‘0’, a write operation is selected.
Following a Start condition, the MCP39F521 monitors
the SDA bus checking for the 4-bit control code
(‘1110’) and proper address bits. Upon receiving the
correct control code and address bits, the slave
(MCP39F521) outputs an acknowledge signal on the
SDA line, and depending on the state of the R/W bit,
will either respond with data or wait to receive
additional bytes prior to the Stop condition. The
Control byte is defined in the following figure.
FIGURE 4-5:
MCP39F521 Control Byte Format.
4.3
I2C Time Out and Clock Stretching
Time out is when an I2C slave resets its interface if the
I2C clock is low for longer than a specified time. The
MCP39F521 offers a set 2 ms I2C time out that can be
disabled through the Time-out Disable bit in the System
Configuration Register (Register 6-2).
In addition, the device includes a clock stretching
feature which allows the master to know when a frame
has been processed. Clock stretching is when a slave
device can not cooperate with the clock speed or needs
to slow down the bus. In the case of the MCP39F521,
after a frame is received, the device will hold the clock
low until the frame has been processed. The maximum
clock stretching duration is less than 10 milliseconds.
4.4
Checksum
The checksum is generated using simple byte addition
and taking the modulus to find the remainder after
dividing the sum of the entire frame by 256. This
operation is done to obtain an 8-bit checksum. All the
bytes of the frame are included in the checksum,
including the header byte and number of bytes. If a
frame includes multiple command packets, none of the
commands will be issued if the frame checksum fails.
In this instance, the MCP39F521 will respond with a
CSFAIL response of 0x51.
On commands that are requesting data back from the
MCP39F521, the frame and checksum are created in
the same way, with the header byte becoming an
acknowledge (0x06). Communication examples are
given in Section 4.6, Example Communication
Frames and MCP39F521 Responses
.
S
1
1
1
0
1 A1 A0 R/W ACK
Control Code
Chip Select
Bits
Read/Write Bit
Slave Address
Start Bit
Acknowledge Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com