Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 36Page - Microchip Technology MCP39F521 Datasheet HTML 37Page - Microchip Technology MCP39F521 Datasheet HTML 38Page - Microchip Technology MCP39F521 Datasheet HTML 39Page - Microchip Technology MCP39F521 Datasheet HTML 40Page - Microchip Technology MCP39F521 Datasheet HTML 41Page - Microchip Technology MCP39F521 Datasheet HTML 42Page - Microchip Technology MCP39F521 Datasheet HTML 43Page - Microchip Technology MCP39F521 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
MCP39F521
DS20005442A-page 40
 2015 Microchip Technology Inc.
3.
Combine this additional phase compensation to
whatever value is currently in the phase
compensation,
and
update
the
register.
Equation 8-9 should be computed in terms of an
8-bit two's complement signed value. The 8-bit
result is placed in the least significant byte of the
16-bit Phase Compensation register.
EQUATION 8-9:
Based on Equation 8-9, the maximum angle in degrees
that can be compensated is ±3.2 degrees. If a larger
phase shift is required, contact your local Microchip
sales office.
8.5
Offset/No-Load Calibrations
During offset calibrations, no line voltage or current
should be applied to the system. The system should be
in a No-Load condition.
8.5.1
AC OFFSET CALIBRATION
There are three registers associated with the AC Offset
Calibration:
• Offset Current RMS
• Offset Active Power
• Offset Reactive Power
When computing the AC offset values, the respective
Gain and Range registers should be taken into
consideration according to the block diagrams in
Figures 5-2 and 5-4.
After
a
successful
offset
calibration,
a
Save Registers to Flash
command can then be
issued to save the calibration constants calculated by
the device.
8.5.2
DC OFFSET CALIBRATION
In DC applications, the high-pass filter on the current
and voltage channels is turned off. To remove any
residual DC value on the current, the DC Offset Current
register adds to the A/D conversion immediately after
the ADC and prior to any other function.
8.6
Calibrating the Line Frequency
Register
The Line Frequency register contains a 16-bit number
with a value equivalent to the input line frequency as it
is measured on the voltage channel. When in
DC mode, this calculation is turned off and the register
will be equal to zero.
The measurement of the line frequency is only valid
from 45 to 65 Hz.
8.6.1
USING THE AUTO-CALIBRATION
FREQUENCY COMMAND
By applying a stable reference voltage with a constant
line frequency that is equivalent to the value that
resides
in
the
Line
Frequency
Ref,
the
Auto-Calibration
Frequency
command can
then be issued to the device.
After a successful calibration (response = ACK), a
Save Registers to Flash
command can then be
issued to save the calibration constants calculated by
the device.
The
following
register
is
set
when
the
Auto-Calibration
Frequency
command is
issued:
• Gain Line Frequency
Note that the command is only required when running
off the internal oscillator. The formula used to calculate
the new gain is shown in Equation 8-1.
PhaseCompensation
NEW
PhaseCompens ation
OLD
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com