Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 27Page - Microchip Technology MCP39F521 Datasheet HTML 28Page - Microchip Technology MCP39F521 Datasheet HTML 29Page - Microchip Technology MCP39F521 Datasheet HTML 30Page - Microchip Technology MCP39F521 Datasheet HTML 31Page - Microchip Technology MCP39F521 Datasheet HTML 32Page - Microchip Technology MCP39F521 Datasheet HTML 33Page - Microchip Technology MCP39F521 Datasheet HTML 34Page - Microchip Technology MCP39F521 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 31
MCP39F521
6.4
System Version Register
The System Version register is hard-coded by
Microchip Technology Inc. and contains calculation
engine date code information. The System Version
register is a date code in the YMDD format, with year
and month in hex, day in decimal (e.g. 0xF316 = 2015,
Feb. 16th).
6.5
System Configuration
The System Configuration register (Register 6-2)
contains bits for controlling the following:
• PGA setting
• ADC Reset State
• ADC Shutdown State
• Voltage Reference Trim
• Single Wire Auto-Transmission
These options are described in the following sections.
6.5.1
PROGRAMMABLE GAIN
AMPLIFIERS (PGA)
The two Programmable Gain Amplifiers (PGAs) reside
at the front-end of each 24-bit Delta-Sigma ADC. They
have two functions:
• Translate the Common mode of the input from
AGND to an internal level between AGND and AVDD
• Amplify the input differential signal
The translation of the Common mode does not change
the differential signal but enters the Common mode so
that the input signal can be properly amplified.
The PGA block can be used to amplify very low signals,
but the differential input range of the delta-sigma
modulator must not be exceeded. The PGA is
controlled by the PGA_CHn<2:0> bits in Register 6-2
the
System
Configuration
register.
Table 6-2
represents the gain settings for the PGAs.
6.5.2
24-BIT ADC RESET MODE
(SOFT RESET MODE)
24-bit ADC Reset mode (also called Soft Reset) can
only be entered through setting high the RESET<1:0>
bits in the System Configuration register (Register 6-2).
This mode is defined as the condition where the
converters are active but their output is forced to ‘0’.
6.5.3
ADC SHUTDOWN MODE
ADC Shutdown mode is defined as a state where the
converters and their biases are OFF, consuming only
leakage current. When the Shutdown bit (SHUTDOWN
<1:0>) is reset to ‘0’, the analog biases will be enabled,
as well as the clock and the digital circuitry.
Each converter can be placed in Shutdown mode
independently. This mode is only available through
programming of the SHUTDOWN<1:0> bits in the
System Configuration register (Register 6-2).
6.5.4
VREF TEMPERATURE
COMPENSATION
If desired, the user can calibrate out the temperature
drift for ultra-low VREF drift.
The internal voltage reference comprises a proprietary
circuit and algorithm to compensate first-order and
second-order
temperature
coefficients.
The
compensation allows very low temperature coefficients
(typically 10 ppm/°C)
on the entire
range of
temperatures from -40°C to +125°C. This temperature
coefficient varies from part to part.
The temperature coefficient can be adjusted on each
part through the System Configuration register
(0x0042) (Register 6-2). The default value of this
register is set to 0x42. The typical variation of the
temperature coefficient of the internal voltage
reference, with respect to VREFCAL register code, is
shown in Figure 6-1.
FIGURE 6-1:
VREF Tempco vs. VREFCAL
Trimcode Chart.
TABLE 6-2:
PGA CONFIGURATION
SETTING (Note 1)
Gain
PGA_CHn<2:0>
Gain
(V/V)
Gain
(dB)
VIN Range
(V)
00
0
10
±0.5
00
1
26
±0.25
01
0
4
12
±0.125
01
1
8
18
±0.0625
10
0
16
24
±0.03125
10
1
32
30
±0.015625
Note 1:
The two undefined settings (110, 111)
are G = 1.
0
10
20
30
40
50
60
0
64
128
192
256
VREFCAL Register Trim Code (decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com