Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 32Page - Microchip Technology MCP39F521 Datasheet HTML 33Page - Microchip Technology MCP39F521 Datasheet HTML 34Page - Microchip Technology MCP39F521 Datasheet HTML 35Page - Microchip Technology MCP39F521 Datasheet HTML 36Page - Microchip Technology MCP39F521 Datasheet HTML 37Page - Microchip Technology MCP39F521 Datasheet HTML 38Page - Microchip Technology MCP39F521 Datasheet HTML 39Page - Microchip Technology MCP39F521 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
MCP39F521
DS20005442A-page 36
 2015 Microchip Technology Inc.
REGISTER 7-1:
EVENT CONFIGURATION REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 31
bit 24
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
OVERPOW_PIN
OVERCUR_PIN
VSURGE_PIN
VSAG_PIN
bit 23
bit 16
U-0
R/W-0
U-0
U-0
R/W
R/W
R/W-0
R/W-0
—
EVENT_MANU
—
—
OVERCUR_CL
OVERPOW_CL
VSUR_CL
VSAG_CL
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VSUR_LA
VSAG_LA
OVERPOW_LA OVERCUR_LA
VSUR_TST
VSAG_TST
OVERPOW_TST OVERCUR_TST
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-24
Unimplemented:
Read as ‘0’
bit 23
Unimplemented:
Read as ‘0’
bit 22
Unimplemented:
Read as ‘0’
bit 21
Unimplemented:
Read as ‘0’
bit 20
Unimplemented:
Read as ‘0’
bit 19
OVERPOW_PIN:
Pin Operation for the Over Power event
1
= Event mapped to Event pin only
0
= Event not mapped to a pin (Default)
bit 18
OVERCUR_PIN:
Pin Operation for the Over Current event
1
= Event mapped to Event pin only
0
= Event not mapped to a pin (Default)
bit 17
VSURGE_PIN:
Pin Operation for the Voltage Surge event
1
= Event mapped to Event pin only
0
= Event not mapped to a pin (Default)
bit 16
VSAG_PIN:
Pin Operation for the Voltage Sag event
1
= Event mapped to Event pin only
0
= Event not mapped to a pin (Default)
bit 15
Unimplemented:
Read as ‘0’
bit 14
EVENT_MANU:
Manual Control of the Event pin
1
= Pin is logic high
0
= Pin is logic low (Default)
bit 13-12
Unimplemented:
Read as ‘0’
bit 11
OVERCUR_CL:
Reset or clear bit for the Over Current event
1
= Event is cleared
0
= Event is not cleared (Default)
bit 10
OVERPOW_CL:
Reset or clear bit for the Over Power event
1
= Event is cleared
0
= Event is not cleared (Default)
bit 9
VSUR_CL:
Reset or clear bit for the Voltage Surge event
1
= Event is cleared
0
= Event is not cleared (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com