Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 35Page - Microchip Technology MCP39F521 Datasheet HTML 36Page - Microchip Technology MCP39F521 Datasheet HTML 37Page - Microchip Technology MCP39F521 Datasheet HTML 38Page - Microchip Technology MCP39F521 Datasheet HTML 39Page - Microchip Technology MCP39F521 Datasheet HTML 40Page - Microchip Technology MCP39F521 Datasheet HTML 41Page - Microchip Technology MCP39F521 Datasheet HTML 42Page - Microchip Technology MCP39F521 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 39
MCP39F521
By using Equation 8-2, the calculation for GainNEW
yields:
EQUATION 8-2:
When
using
the
Auto-Calibration Gain
command, the result would be a failed calibration or a
NAK returned form the MCP39F521, because the
resulting GainNEW is less than 25,000.
The solution is to use the Range register to bring the
measured value closer to the expected value, such
that a new gain value can be calculated within the
limits specified above.
The Range register specifies the number of right-bit
shifts (equivalent to divisions by 2) after the
multiplication with the Gain Current RMS register.
Refer to Section 5.0, Calculation Engine (CE)
Description
for information on the Range register.
Incrementing the Range register by 1 unit, an
additional right-bit shift or ÷2 is included in the
calculation. Increasing the current range from 12 to 13
yields the new measured Current RMS register value
of 2300/2 = 1150. The expected (1000) and measured
(1150) are much closer now, so the expected new gain
should be within the limits:
EQUATION 8-3:
The resulting new gain is within the limits and the
device successfully calibrates Current RMS and
returns an ACK.
It can be observed that the range can be set to 14 and
the resulting new gain will still be within limits
(GainNEW = 58226). However, since this gain value is
close to the limit of the 16-bit Gain register, variations
from system to system (component tolerances, etc.)
might create a scenario where the calibration is not
successful on some units and there would be a yield
issue. The best approach is to choose a range value
that places the new gain in the middle of the bounds of
the gain registers described above.
In a second example, when applying 1A, the user
expects an output of 1.0000A with 0.1 mA resolution.
The example is starting with the same initial values:
EQUATION 8-4:
The GainNEW is much larger than the 16-bit limit of
65535, so fewer right-bit shifts must be introduced to
get the measured value closer to the expected value.
The user needs to compute the number of bit shifts
that will give a value lower than 65535. To estimate
this number:
EQUATION 8-5:
2.2 rounds to the closest integer value of 2. The range
value changes to 12 – 2 = 10; there are 2 less right-bit
shifts.
The new measured value will be 2300 x 22 = 9200.
EQUATION 8-6:
The resulting new gain is within the limits and the
device successfully calibrates Current RMS and
returns an ACK.
8.4
Calibrating the Phase
Compensation Register
Phase compensation is provided to adjust for any
phase delay between the current and voltage path.
This procedure requires sinusoidal current and voltage
waveforms, with a significant phase shift between
them, and significant amplitudes. The recommended
displacement power factor for calibration is 0.5. The
procedure for calculating the phase compensation
register is as follows:
1.
Determine what the difference is between the
angle corresponding to the measured power
factor (PFMEAS) and the angle corresponding to
the expected power factor (PFEXP), in degrees.
EQUATION 8-7:
2.
Convert this from degrees to the resolution
provided in Equation 8-8:
EQUATION 8-8:
GAIN
NEW
GAIN
OLD
Expected
Measured
---------------------------
33480
1000
2300
------------
14556
=
=
=
14556
25 000
GAIN
NEW
GAIN
OLD
Expected
Measured
---------------------------
33480
1000
1150
------------
29113
=
=
=
25 000
29113
65535

GAIN
NEW
GAIN
OLD
Expected
Measured
---------------------------
33480
10000
2300
---------------
145565
=
=
=
145565
65535
145565
65535
------------------2.2
=
GAIN
NEW
GAIN
OLD
Expected
Measured
---------------------------
33480
10000
9200
---------------
36391
=
=
=
25 000
36391
65535

PF
MEAS
Value in PowerFactor Register
32768
---------------------------------------------------------------------------
=
ANGLE
MEAS

PF
MEAS
 180
---------
acos
=
ANGLE
EXP

PF
EXP
 180
---------
acos
=
ANGLE
MEAS
ANGLE
EXP
–
 40
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com