Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 25Page - Microchip Technology MCP39F521 Datasheet HTML 26Page - Microchip Technology MCP39F521 Datasheet HTML 27Page - Microchip Technology MCP39F521 Datasheet HTML 28Page - Microchip Technology MCP39F521 Datasheet HTML 29Page - Microchip Technology MCP39F521 Datasheet HTML 30Page - Microchip Technology MCP39F521 Datasheet HTML 31Page - Microchip Technology MCP39F521 Datasheet HTML 32Page - Microchip Technology MCP39F521 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 29
MCP39F521
EMI Filter Compensation Registers (Note 2)
0x00AC Reserved
—
R
u16
Reserved
0x00AE Reserved
—
R
u16
Reserved
0x00B0 Reserved
—
R
u16
Reserved
0x00B2 Reserved
—
R
u16
Reserved
0x00B4 Reserved
—
R
u16
Reserved
0x00B6 Reserved
—
R
u16
Reserved
0x00B8 Reserved
—
R
u16
Reserved
0x00BA Reserved
—
R
u16
Reserved
0x00BC Reserved
—
R
u16
Reserved
0x00BE Reserved
—
R
u16
Reserved
0x00C0 Reserved
—
R
u16
Reserved
0x00C2 Reserved
—
R
u16
Reserved
0x00C4 Reserved
—
R
u16
Reserved
Temperature Compensation Registers
0x00C6 Temperature Compensation for
Frequency
8.7
R/W
u16
Correction factor for compensating the line
frequency indication over temperature
0x00C8 Temperature Compensation for
Current
8.7
R/W
u16
Correction factor for compensating the Current
RMS indication over temperature
0x00CA Temperature Compensation for
Power
8.7
R/W
u16
Correction factor for compensating the active
power indication over temperature
0x00CC Ambient Temperature
Reference Voltage
8.7
R/W
u16
Register for storing the reference temperature
during calibration
Control Registers for Peripherals
0x00CE Reserved
—
R/W
u16
Reserved
0x00D0 Reserved
—
R/W
u16
Reserved
0x00D2 Reserved
—
R/W
u16
Reserved
0x00D4 MinMaxPointer1
5.12
R/W
u16
Address Pointer for Min/Max 1 Outputs
0x00D6 MinMaxPointer2
5.12
R/W
u16
Address Pointer for Min/Max 2 Outputs
0x00D8 Reserved
—
R/W
u16
Reserved
0x00DA Reserved
—
R/W
u16
Reserved
0x00DC Energy Control
5.6
R/W
u16
Input register for reset/start of Energy
Accumulation
0x00DE Reserved
—
R/W
u16
Reserved
0x00E0 No-Load Threshold
5.6.1
R/W
u16
No-Load Threshold for Energy Counting
TABLE 6-1:
MCP39F521 REGISTER MAP (CONTINUED)
Address
Register Name
Section
Number
Read/
Write
Data
Type
Description
Note 1:
The registers are unsigned, however their sign is kept as a separate bit in the System Status Register
(Register 6-1).
2:
These registers are reserved for EMI filter compensation when necessary for power supply monitoring.
They may require specific adjustment depending on PSU parameters; please contact the local Microchip
office for further support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com