Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 24Page - Microchip Technology MCP39F521 Datasheet HTML 25Page - Microchip Technology MCP39F521 Datasheet HTML 26Page - Microchip Technology MCP39F521 Datasheet HTML 27Page - Microchip Technology MCP39F521 Datasheet HTML 28Page - Microchip Technology MCP39F521 Datasheet HTML 29Page - Microchip Technology MCP39F521 Datasheet HTML 30Page - Microchip Technology MCP39F521 Datasheet HTML 31Page - Microchip Technology MCP39F521 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
MCP39F521
DS20005442A-page 28
 2015 Microchip Technology Inc.
Calibration Registers
0x005E Calibration Register
Delimiter
8.8
R/W
u16
May be used to initiate loading of the default
calibration coefficients at start-up
0x0060 Gain Current RMS
8.3
R/W
u16
Gain Calibration Factor for RMS Current
0x0062 Gain Voltage RMS
8.3
R/W
u16
Gain Calibration Factor for RMS Voltage
0x0064 Gain Active Power
8.3
R/W
u16
Gain Calibration Factor for Active Power
0x0066 Gain Reactive Power
8.3
R/W
u16
Gain Calibration Factor for Reactive Power
0x0068 Offset Current RMS
8.5.1
R/W
s32
Offset Calibration Factor for RMS Current
0x006C Offset Active Power
8.5.1
R/W
s32
Offset Calibration Factor for Active Power
0x0070 Offset Reactive Power
8.5.1
R/W
s32
Offset Calibration Factor for Reactive Power
0x0074 DC Offset Current
8.5.2
R/W
s16
Offset Calibration Factor for DC Current
0x0076 Phase Compensation
8.5
R/W
s16
Phase Compensation
0x0078 Apparent Power Divisor
5.7
R/W
u16
Number of Digits for apparent power divisor to
match IRMS and VRMS resolution
Design Configuration Registers
0x007A System Configuration
6.5
R/W
b32
Control for device configuration, including
ADC configuration
0x007E Event Configuration
7.0
R/W
b16
Settings for the Event pin
0x0082 Range
6.6
R/W
b32
Scaling factor for Outputs
0x0086 Calibration Current
8.3.1
R/W
u32
Target Current to be used during
single-point calibration
0x008A Calibration Voltage
8.3.1
R/W
u16
Target Voltage to be used during
single-point calibration
0x008C Calibration Power Active
8.3.1
R/W
u32
Target Active Power to be used during
single-point calibration
0x0090 Calibration Power Reactive
8.3.1
R/W
u32
Target Reactive Power to be used during
single-point calibration
0x0094 Line Frequency Reference
8.6.1
R/W
u16
Reference Value for the nominal line
frequency
0x0096 Reserved
—
R/W
u32
Reserved
0x009A Reserved
—
R/W
u32
Reserved
0x009E Accumulation Interval Parameter
5.2
R/W
u16
N for 2N number of line cycles to be used
during a single computation cycle
0x00A0 Voltage Sag Limit
7.2
R/W
u16
RMS Voltage threshold at which an event flag
is recorded
0x00A2 Voltage Surge Limit
7.2
R/W
u16
RMS Voltage threshold at which an event flag
is recorded
0x00A4 Over Current Limit
7.2
R/W
u32
RMS Current threshold at which an event flag
is recorded
0x00A8 Over Power Limit
7.2
R/W
u32
Active Power Limit at which an event flag is
recorded
TABLE 6-1:
MCP39F521 REGISTER MAP (CONTINUED)
Address
Register Name
Section
Number
Read/
Write
Data
Type
Description
Note 1:
The registers are unsigned, however their sign is kept as a separate bit in the System Status Register
(Register 6-1).
2:
These registers are reserved for EMI filter compensation when necessary for power supply monitoring.
They may require specific adjustment depending on PSU parameters; please contact the local Microchip
office for further support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com