Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 2Page - Microchip Technology MCP39F521 Datasheet HTML 3Page - Microchip Technology MCP39F521 Datasheet HTML 4Page - Microchip Technology MCP39F521 Datasheet HTML 5Page - Microchip Technology MCP39F521 Datasheet HTML 6Page - Microchip Technology MCP39F521 Datasheet HTML 7Page - Microchip Technology MCP39F521 Datasheet HTML 8Page - Microchip Technology MCP39F521 Datasheet HTML 9Page - Microchip Technology MCP39F521 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MCP39F521
DS20005442A-page 6
 2015 Microchip Technology Inc.
10-Bit SAR ADC Performance for Temperature Measurement
Resolution
NR
—10
—
bits
Absolute Input Voltage
VIN
DGND -0.3
—
DVDD +0.3
V
Recommended
Impedance of
Analog Voltage Source
RIN
——
2.5
k
Integral Nonlinearity
INL
—±1
±2
LSb
Differential Nonlinearity
DNL
—±1
±1.5
LSb
Gain Error
GERR
—±1
±3
LSb
Offset Error
EOFF
—±1
±2
LSb
Temperature
Measurement Rate
—
fLINE/2N
—sps
Note 3
Clock and Timings
I2C Clock Frequency
fSCL
—
—
400
kHz
100 kHz and 400 kHz
I2C modes supported
Master Clock
and Crystal Frequency
fMCLK
-2%
4
+2%
MHz
Capacitive Loading
on OSCO pin
COSC2
—
—
15
pF
When an external clock is
used to drive the device
Internal Oscillator
Tolerance
fINT_OSC
—
2
—
%
-40 to +85°C only (Note 7)
Internal Voltage Reference
Internal Voltage
Reference Tolerance
VREF
-2%
1.2
+2%
V
Temperature Coefficient
TCVREF
—10
—
ppm/°C TA = -40°C to +85°C,
VREFEXT = 0
Output Impedance
ZOUTVREF
—2
—
k
Current, VREF
AIDDVREF
—40
—
µA
Voltage Reference Input
Input Capacitance
—
—
10
pF
Absolute Voltage on
VREF+ Pin
VREF+
AGND + 1.1V
—
AGND +1.3V
V
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = 2.7 to 3.6V, TA = -40°C
to +125°C, MCLK = 4 MHz, PGA GAIN = 1.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Calculated from reading the register values with no averaging, single computation cycle with accumulation
interval of 4 line cycles.
2:
Specification by design and characterization; not production tested.
3:
N = Value in the Accumulation Interval Parameter register. The default value of this register is 2 or
TCAL = 80 ms for 50 Hz line.
4:
Applies to Voltage Sag and Voltage Surge events only.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0, Typical
Performance Curves
for typical performance.
6:
VIN =1VPP =353 mVRMS @ 50/60 Hz.
7:
Variation applies to internal clock and I2C only. All calculated output quantities are temperature
compensated to the performance listed in the respective specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com