Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 8Page - Microchip Technology MCP39F521 Datasheet HTML 9Page - Microchip Technology MCP39F521 Datasheet HTML 10Page - Microchip Technology MCP39F521 Datasheet HTML 11Page - Microchip Technology MCP39F521 Datasheet HTML 12Page - Microchip Technology MCP39F521 Datasheet HTML 13Page - Microchip Technology MCP39F521 Datasheet HTML 14Page - Microchip Technology MCP39F521 Datasheet HTML 15Page - Microchip Technology MCP39F521 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
MCP39F521
DS20005442A-page 12
 2015 Microchip Technology Inc.
3.5
Analog Power Supply Pin (AVDD)
AVDD is the power supply pin for the analog circuitry
within the MCP39F521.
This pin requires appropriate bypass capacitors and
should be maintained to 2.7V and 3.6V for specified
operation. It is recommended to use 0.1 µF ceramic
capacitors.
3.6
Chip Address Inputs (A0, A1)
The A0 and A1 inputs are used by the MCP39F521 for
multiple device operations. The levels on these inputs
are compared with the corresponding bits in the slave
address. The chip is selected if the compare is true.
Up to four devices may be connected to the same bus
by using different combinations. These inputs must be
connected to VDD or GND and cannot be left floating.
In most applications, the chip address inputs are
hardwired to logic 0 or logic 1. For applications in which
these pins are controlled by a microcontroller or other
programmable device, the chip address pins must be
driven to logic 0 or logic 1 before normal device
operation can proceed.
3.7
I2C Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
3.8
I2C Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open drain
terminal. Therefore, the SDA bus requires a pull-up
resistor to DVDD (typical 10k for 100kHz, 2k for
400kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Change during SCL high is
reserved for indicating the Start and Stop conditions.
3.9
24-Bit Delta Sigma ADC
Differential Current Channel
Input Pins (I1+/I1-)
I1- and I1+ are the two fully-differential current channel
inputs for the Delta-Sigma ADCs.
The linear and specified region of the channels are
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mVPEAK/GAIN
with VREF =1.2V.
The maximum absolute voltage, with respect to AGND,
for each In+/- input pin is ±1V with no distortion and
±6V with no breaking after continuous voltage.
3.10
24-Bit Delta Sigma ADC
Differential Voltage Channel
Inputs (V1-/V1+)
V1- and V1+ are the two fully-differential voltage
channel inputs for the Delta-Sigma ADCs.
The linear and specified region of the channels are
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mVPEAK/GAIN
with VREF =1.2V.
The maximum absolute voltage, with respect to AGND,
for each VN+/- input pin is ±1V with no distortion and
±2V, with no breaking after continuous voltage.
3.11
Analog Input (AN_IN)
This is the input to the analog-to-digital converter that
can be used for temperature measurement and
compensation.
If
temperature
compensation
is
required in the application, it is advised to connect the
low-power active thermistor IC MCP9700A to this pin.
If temperature compensation is not required, this can
be used as a general purpose analog-to-digital
converter input.
3.12
Analog Ground Pin (AGND)
AGND is the ground connection to internal analog
circuitry (ADCs, PGA, voltage reference, POR). If an
analog ground pin is available on the PCB, it is
recommended that this pin be tied to that plane.
3.13
Zero Crossing Detection (ZCD)
This digital output pin is the output of the Zero Crossing
Detection circuit of the IC. The output here will be a
logic output with edges that transition at each zero
crossing of the voltage channel input. For more
information
see
Section 5.13,
Zero
Crossing
Detection (ZCD)
.
3.14
Noninverting Reference
Input/Internal Reference Output
Pin (REFIN+/OUT)
This pin is the noninverting side of the differential
voltage reference input for the delta sigma ADCs or the
internal voltage reference output.
For optimal performance, bypass capacitances should
be connected between this pin and AGND at all times,
even when the internal voltage reference is used.
However, these capacitors are not mandatory to
ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com