Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 26Page - Microchip Technology MCP39F521 Datasheet HTML 27Page - Microchip Technology MCP39F521 Datasheet HTML 28Page - Microchip Technology MCP39F521 Datasheet HTML 29Page - Microchip Technology MCP39F521 Datasheet HTML 30Page - Microchip Technology MCP39F521 Datasheet HTML 31Page - Microchip Technology MCP39F521 Datasheet HTML 32Page - Microchip Technology MCP39F521 Datasheet HTML 33Page - Microchip Technology MCP39F521 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
MCP39F521
DS20005442A-page 30
 2015 Microchip Technology Inc.
6.2
Address Pointer Register
This unsigned 16-bit register contains the address to
which all read and write instructions occur. This register
is only written through the Set Address Pointer
command and is otherwise outside the writable range
of register addresses.
6.3
System Status Register
The System Status register is a read-only register and
can be used to detect the various states of pin levels as
defined below.
REGISTER 6-1:
SYSTEM STATUS REGISTER
U-0
U-0
U-0
U-0
U-0
R-x
U-0
U-0
—
—
—
—
—
EVENT
—
—
bit 15
bit 8
U-0
U-0
R-x
R-x
R-x
R-x
R-x
R-x
—
—SIGN_PR
SIGN_PA
OVERPOW
OVERCUR
VSURGE
VSAG
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented
: Read as ‘0’
bit 11
Unimplemented
: Read as ‘0’
bit 10
EVENT:
State of Event Detection algorithm. This bit is latched and must be cleared.
1
= Event has occurred
0
= Event has not occurred
bit 9-8
Unimplemented
: Read as ‘0’
bit 7-6
Unimplemented
: Read as ‘0’
bit 5
SIGN_PR:
Sign of Reactive Power
1
= Reactive Power is positive, inductive and is in quadrants 1,2
0
= Reactive Power is negative, is capacitive and is in quadrants 3,4
bit 4
SIGN_PA:
Sign of Active Power (import/export sign of active power)
1
= Active Power is positive (import) and is in quadrants 1,4
0
= Active Power is negative (export) and is in quadrants 2,3
bit 3
OVERPOW:
State of Over Power detection algorithm
1
= Over Power threshold has been broken
0
= Over Power threshold has not been broken
bit 2
OVERCUR:
State of the Over Current detection algorithm
1
= Over Current threshold has been broken
0
= Over Current threshold has not been broken
bit 1
VSURGE:
State of Voltage Surge Detection algorithm. This bit is latched and must be cleared.
1
= Surge threshold has been broken
0
= Surge threshold has not been broken
bit 0
VSAG:
State of Voltage Sag Detection algorithm. This bit is latched and must be cleared.
1
= Sag threshold has been broken
0
= Sag threshold has not been broken



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com