Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 31Page - Microchip Technology MCP39F521 Datasheet HTML 32Page - Microchip Technology MCP39F521 Datasheet HTML 33Page - Microchip Technology MCP39F521 Datasheet HTML 34Page - Microchip Technology MCP39F521 Datasheet HTML 35Page - Microchip Technology MCP39F521 Datasheet HTML 36Page - Microchip Technology MCP39F521 Datasheet HTML 37Page - Microchip Technology MCP39F521 Datasheet HTML 38Page - Microchip Technology MCP39F521 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 35
MCP39F521
7.0
EVENT OUTPUT PIN/EVENT
CONFIGURATION REGISTER
7.1
Event Pin
The MCP39F521 device has one Event pin that can be
configured in three possible configurations. These
configurations are:
1.
No event is mapped to the pin
2.
Voltage Surge, Voltage Sag, Over Current, or
Over Power event is mapped to the pin. More
than one event can be mapped to the Event pin.
3.
Manual control of the Event pin.
These three configurations allow for the control of
external interrupts or hardware that is dependent on
the measured power, current or voltage. The Event
configuration register (Register 7-1) below describes
how these events and pins can be configured.
7.2
Voltage Sag and Voltage Surge
Detection
The event alarms for Voltage Sag and Voltage Surge
work differently compared to the Over Current and
Over Power events, which are tested against every
computation cycle. These two event alarms are
designed to provide a much faster interrupt if the
condition occurs. Note that neither of these two events
have a respective Hold register associated with them,
since the detection time is less than one line cycle.
The calculation engine keeps track of a trailing
mean square of the input voltage, as defined by the
following equation:
EQUATION 7-1:
Therefore, at each data-ready occurrence, the value of
VSA is compared to the programmable threshold set in
the Voltage Sag Limit register and Voltage Surge Limit
register to determine if a flag should be set. If either of
these events are masked to either the Event pin, a
logic-high interrupt will be given on these pins.
The Sag or Surge events can be used to quickly
determine if a power failure has occurred in the system.
V
SA
2f
LINE
f
SAMPLE
--------------------------
V
n
n
f
SAMPLE
2f
LINE
--------------------------
–
1
–
=
0
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com