Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 37Page - Microchip Technology MCP39F521 Datasheet HTML 38Page - Microchip Technology MCP39F521 Datasheet HTML 39Page - Microchip Technology MCP39F521 Datasheet HTML 40Page - Microchip Technology MCP39F521 Datasheet HTML 41Page - Microchip Technology MCP39F521 Datasheet HTML 42Page - Microchip Technology MCP39F521 Datasheet HTML 43Page - Microchip Technology MCP39F521 Datasheet HTML 44Page - Microchip Technology MCP39F521 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 41
MCP39F521
8.7
Temperature Compensation
The MCP39F521 measures the indication of the
temperature sensor and uses the value to compensate
the temperature variation of the shunt resistance and
the frequency of the internal RC oscillator.
The same formula applies for Line Frequency, Current
RMS, Active Power and Reactive Power. The
temperature compensation coefficient depends on the
16-bit signed integer value of the corresponding
compensation register.
EQUATION 8-10:
When calibrating the temperature, the effect of the
compensation coefficients is minimal. The coefficients
need to be tuned when the difference between the
calibration temperature and the device temperature is
significant. It is recommended to use the default values
as starting points.
8.8
Retrieving Factory Default
Calibration Values
After user calibration and a Save to Flash command
has been issued, it is possible to retrieve the factory
default calibration values. This can be done by writing
0xA5A5 to the Calibration Register Delimiter, issuing a
Save
to
Flash
, and then resetting the part. This
procedure will retrieve all factory default calibration
values and will remain in this state until calibration has
been performed again, and a Save
to
Flash
command has been issued.
yx
1
c
T
T
CAL
–

+

=
Where:
x = Uncompensated Output (corresponding to
Line Frequency, Current RMS, Active Power
and Reactive Power)
y = Compensated Output
c = Temperature Compensation Coefficient
(depending on the shunt's Temperature
Coefficient of Resistance or on the internal RC
oscillator temperature frequency drift). There
are three registers: one for Line Frequency
compensation, one for Current compensation,
and one for power compensation (Active and
Reactive)
T =
Thermistor Voltage (in 10-bit ADC units)
TCAL = Ambient Temperature Reference Voltage. It
should be set at the beginning of the
calibration procedure, by reading the
thermistor voltage and writing its value to the
ambient temperature reference voltage
register.
M = 26 (for Line Frequency compensation)
= 27 (for Current, Active Power and Reactive
Power)
c
TemperatureCompensation Register
2
M
-----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com