Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 44Page - Microchip Technology MCP39F521 Datasheet HTML 45Page - Microchip Technology MCP39F521 Datasheet HTML 46Page - Microchip Technology MCP39F521 Datasheet HTML 47Page - Microchip Technology MCP39F521 Datasheet HTML 48Page - Microchip Technology MCP39F521 Datasheet HTML 49Page - Microchip Technology MCP39F521 Datasheet HTML 50Page - Microchip Technology MCP39F521 Datasheet HTML 51Page - Microchip Technology MCP39F521 Datasheet HTML 52Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 49
MCP39F521
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP39F521: I2C Power-Monitor with Calculation and
Energy Accumulation
Tape and Reel Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature Range:
E
= -40°C to +125°C (Extended)
Package:
MQ = Plastic Quad Flat, No Lead Package – 5x5x0.9 mm
body (QFN), 28-lead
Examples:
a) MCP39F521-E/MQ:
Extended temperature,
28LD 5x5 QFN package
b) MCP39F521T-E/MQ:
Tape and Reel,
Extended temperature,
28LD 5x5 QFN package
PART NO.
X
Temperature
Range
Device
/XX
Package
[X](1)
Tape and
Reel
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip sales office for
package availability for the Tape and Reel
option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com