Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F521 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 29Page - Microchip Technology MCP39F521 Datasheet HTML 30Page - Microchip Technology MCP39F521 Datasheet HTML 31Page - Microchip Technology MCP39F521 Datasheet HTML 32Page - Microchip Technology MCP39F521 Datasheet HTML 33Page - Microchip Technology MCP39F521 Datasheet HTML 34Page - Microchip Technology MCP39F521 Datasheet HTML 35Page - Microchip Technology MCP39F521 Datasheet HTML 36Page - Microchip Technology MCP39F521 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
 2015 Microchip Technology Inc.
DS20005442A-page 33
MCP39F521
bit 11
ZCD_PULS:
Zero Crossing Detection Pulse mode
1
= ZCD output is 100 µs pulses on zero crossings
0
= ZCD Output changes logic state on zero crossings (DEFAULT)
bit 10
ZCD_OUTPUT_DIS:
Disable the Zero Crossing output pin
1
= ZCD output is disabled
0
= ZCD output is enabled (Default)
bit 9-8
Unimplemented:
Read as ‘0’
bit 7
TEMPCOMP:
temperaure compensation enable bit
1
= Temperature compensation is enabled
0
= Temperature compensation is disabled (DEFAULT)
bit 6-5
RESET <1:0>:
Reset mode setting for ADCs
11
= Both I1 and V1 are in Reset mode
10
= V1 ADC is in Reset mode
01
= I1 ADC is in Reset mode
00
= Neither ADC is in Reset mode (DEFAULT)
bit 4-3
SHUTDOWN <1:0>:
Shutdown mode setting for ADCs
11
= Both I1 and V1 are in Shutdown
10
= V1 ADC is in Shutdown
01
= I1 ADC is in Shutdown
00
= Neither ADC is in Shutdown (DEFAULT)
bit 2
VREFEXT:
Internal Voltage Reference Shutdown Control
1
= Internal Voltage Reference Disabled
0
= Internal Voltage Reference Enabled (DEFAULT)
bit 1-0
Unimplemented:
Read as ‘0’
REGISTER 6-3:
ENERGY ACCUMULATION CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—
—
—
—
—
—
—
ENRG_CNTRL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bits 15-1
Unimplemented:
Read as ‘0‘
bit 0
ENRG_CNTRL:
Energy Accumulation Control bit
1
= Energy Accumulation is tuned on and all registers are accumulating
0
= Energy Accumulation is turned off and all energy accumulation registers are reset to 0 (DEFAULT)
REGISTER 6-2:
SYSTEM CONFIGURATION REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com