Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 31 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 31 Page - Micronas

Back Button VDP313XY Datasheet HTML 27Page - Micronas VDP313XY Datasheet HTML 28Page - Micronas VDP313XY Datasheet HTML 29Page - Micronas VDP313XY Datasheet HTML 30Page - Micronas VDP313XY Datasheet HTML 31Page - Micronas VDP313XY Datasheet HTML 32Page - Micronas VDP313XY Datasheet HTML 33Page - Micronas VDP313XY Datasheet HTML 34Page - Micronas VDP313XY Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
31
Miscellaneous
29
16
w/r
Test pattern generator:
bit[10:0]
reserved (set to 0)
bit[11]
0/1
disable/enable test
pattern generator
bit[13:12]
output mode:
00
Y/C = ramp (240 ... 17)
01
Y/C = 16
10
Y/C = 90
11
Y/C = 240
bit[15:14] 0/1
reserved (set to 0)
0
0
0
0
TPG
TPGEN
TPGMODE
22
16
w/r
NEWLINE
(available for versions with panorama scaler only):
bit[10:0]
NEWLINE register
This register defines the readout
start of the next line in respect to
the value of the sync counter.
Value of this register must be
greater than 31 for correct
operation.
bit[15:11]
reserved (set to 0)
50
NEWLIN
Table 2–4: I2C control and status registers of the video frontend
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com