Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 37 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 37 Page - Micronas

Back Button VDP313XY Datasheet HTML 33Page - Micronas VDP313XY Datasheet HTML 34Page - Micronas VDP313XY Datasheet HTML 35Page - Micronas VDP313XY Datasheet HTML 36Page - Micronas VDP313XY Datasheet HTML 37Page - Micronas VDP313XY Datasheet HTML 38Page - Micronas VDP313XY Datasheet HTML 39Page - Micronas VDP313XY Datasheet HTML 40Page - Micronas VDP313XY Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
37
1E
8
r
measurement adc status and fast blank input status
measurement status register
bit[0]
0/1
tube measurement active /
complete
bit[2:1]
white drive measurement cycle
00
red
01
green
10
blue
11
reserved
bit[3]
0/1
picture measurement active /
complete
bit[4]
0/1
fast blank input low / high (static)
bit[5]
1
fast blank input negative transi-
tion since last read (bit reset at
read)
bit[7:6]
reserved
−
PMS
Vertical Timing
67
9
w v
vertical blanking start
bit[8:0]
0..511
first line of vertical blanking
305
VBST
77
9
w v
vertical blanking stop
bit[8:0]
0..511
last line of vertical blanking
25
VBSO
5F
9
w v
free running field period
bit[8:0]
period = (value+4) lines
309
VPER
Horizontal Deflection and Timing
76
9
w v
linear term of angle & bow correction
bit[8:0]
−256..+255 ± 500 ns
0ANGLE
7A
9
w v
quadratic term of angle & bow correction
bit[8:0]
−256..+255 ± 500 ns
0BOW
6E
9
w v
adjustable delay of PLL2, clamping, and blanking
(relative to front sync)
bit[8:0]
−256..+255 ± 8 µs
−141
POFS2
72
9
w v
adjustable delay of horizontal drive & flyback (relative
to PLL2)
bit[8:0]
−256..+255 ± 8 µs
0POFS3
7E
9
w v
adjustable delay of main sync (relative to PLL2)
adjust horizontal position for digital picture
bit[8:0]
20 steps=1
µs
120
HPOS
5B
9
w v
start of horizontal blanking
bit[8:0]
0..511
1
HBST
57
9
w v
end of horizontal blanking
bit[8:0]
0..511
48
HBSO
Table 2–5: I2C control and status registers of the video backend
(Registers are set to ’0’ at reset, default values are recommendations)
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com