Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 40 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 40 Page - Micronas

Back Button VDP313XY Datasheet HTML 36Page - Micronas VDP313XY Datasheet HTML 37Page - Micronas VDP313XY Datasheet HTML 38Page - Micronas VDP313XY Datasheet HTML 39Page - Micronas VDP313XY Datasheet HTML 40Page - Micronas VDP313XY Datasheet HTML 41Page - Micronas VDP313XY Datasheet HTML 42Page - Micronas VDP313XY Datasheet HTML 43Page - Micronas VDP313XY Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
40
Micronas
10
8
w/r
Sync Output
bit[5:0]
reserved (set to 0)
bit[7:6]
function of CSY pin
00
composite sync signal output
01
25 Hz output (field1/field2 signal)
10
horizontal sync signal output
11
1 MHz horizontal drive clock
0
CSYM
Ports
34
16
w/r
IO Port
bit[6:0]
data to/from PORT[6:0]
bit[7]
reserved (set to 0)
bit[14:8]
port direction
0
switch PORT[bit
−8] to input
1
switch PORT[bit
−8] to output
bit[15]
reserved (set to 0)
0IOPORT
IODATA
IODIR
Hardware ID
9F
16
r
Hardware version number
bit[7:0]
hardware id (A3 = 13, B1 = 21 a.s.o.)
bit[15:8]
product code VDP 31xx Y
(e.g. 32 for VDP 3132 Y)
read
only
HWID
Table 2–5: I2C control and status registers of the video backend
(Registers are set to ’0’ at reset, default values are recommendations)
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com