Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 33 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 33 Page - Micronas

Back Button VDP313XY Datasheet HTML 29Page - Micronas VDP313XY Datasheet HTML 30Page - Micronas VDP313XY Datasheet HTML 31Page - Micronas VDP313XY Datasheet HTML 32Page - Micronas VDP313XY Datasheet HTML 33Page - Micronas VDP313XY Datasheet HTML 34Page - Micronas VDP313XY Datasheet HTML 35Page - Micronas VDP313XY Datasheet HTML 36Page - Micronas VDP313XY Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
33
Chrominance Channel
14
8
w/r
luma/chroma matching delay
bit[2:0]
−3...3
variable chroma delay
bit[7:3]
reserved, set to 0
0
LCM
CDEL
5E
9
w v
digital transient improvement
bit[3:0]
0..15
coring value
bit[7:4]
0..15
DTI gain
bit[8]
0/1
narrow/wide bandwidth mode
1
5
1
DTI
DTICO
DTIGA
DTIMO
Inverse Matrix
7C
74
9
9
w v
w v
main matrix coefficient R
−Y=MR1M×C
B+MR2M×CR
bit[8:0]
−256/128 ... 255/128
bit[8:0]
−256/128 ... 255/128
0
86
MR1M,
MR2M
6C
64
9
9
w v
w v
main matrix coefficient G
−Y= MG1M×C
B+MG2M×CR
bit[8:0]
−256/128 ... 255/128
bit[8:0]
−256/128 ... 255/128
−22
−44
MG1M,
MG2M
5C
54
9
9
w v
w v
main matrix coefficient B
−Y=MB1M×C
B + MB2M×CR
bit[8:0]
−256/128 ... 255/128
bit[8:0]
−256/128 ... 255/128
113
0
MB1M,
MB2M
78
70
9
9
w v
w v
side matrix coefficient R
−Y=MR1S×C
B + MR2S×CR
bit[8:0]
−256/128 ... 255/128
bit[8:0]
−256/128 ... 255/128
0
73
MR1S,
MR2S
68
60
9
9
w v
w v
side matrix coefficient G
−Y= MG1S×C
B + MG2S×CR
bit[8:0]
−256/128 ... 255/128
bit[8:0]
−256/128 ... 255/128
−19
−37
MG1S,
MG2S
58
50
9
9
w v
w v
side matrix coefficient B
−Y=MB1S×C
B + MB2S×CR
bit[8:0]
−256/128 ... 255/128
bit[8:0]
−256/128 ... 255/128
97
0
MB1S,
MB2S
Table 2–5: I2C control and status registers of the video backend
(Registers are set to ’0’ at reset, default values are recommendations)
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com