Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 45 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 45 Page - Micronas

Back Button VDP313XY Datasheet HTML 41Page - Micronas VDP313XY Datasheet HTML 42Page - Micronas VDP313XY Datasheet HTML 43Page - Micronas VDP313XY Datasheet HTML 44Page - Micronas VDP313XY Datasheet HTML 45Page - Micronas VDP313XY Datasheet HTML 46Page - Micronas VDP313XY Datasheet HTML 47Page - Micronas VDP313XY Datasheet HTML 48Page - Micronas VDP313XY Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
45
Color Processing
30
Saturation control
bit[11:0]
0...4094 (2070 corresponds to 100% saturation)
4095
disabled (test mode only)
2070
ACC_SAT
17A
bit[10:0]
0...2047 CR-attenuation
bit[11]
0/1
disable/enable CR-attenuation
1591
o
CR_ATT
CR_ATT_ENA
39
bit[10:0]
0...2047 amplitude killer level (0: killer disabled)
bit[11]
0/1
disable/enable chroma ADC
25
0
KILVL
3A
amplitude killer hysteresis
5
KILHY
DC
NTSC tint angle,
±512 = ±π/4
0
TINT
DVCO
F8
crystal oscillator center frequency adjust,
−2048...2047
−720
DVCO
F9
crystal oscillator center frequency adjustment value for line lock
mode,true adjust value is DVCO - ADJUST.
For factory crystal alignment, using standard video signal:
set DVCO = 0, set lock mode, read crystal offset from ADJUST
register and use negative value for initial center frequency adjust-
ment via DVCO.
read only
ADJUST
F7
crystal oscillator line-locked mode, lock command/status
write: 100
enable lock
0
disable lock
read: 0
unlocked
>2047
locked
0XLCK
B5
crystal oscillator line-locked mode, autolock feature. If autolock is
enabled, crystal oscillator locking is started automatically.
bit[11:0]
threshold; 0: autolock off
400
AUTOLOCK
Table 2–6: Control Registers of the Fast Processor for control of the video frontend functions
−default values are initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com