Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 12 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 12 Page - Micronas

Back Button VDP313XY Datasheet HTML 8Page - Micronas VDP313XY Datasheet HTML 9Page - Micronas VDP313XY Datasheet HTML 10Page - Micronas VDP313XY Datasheet HTML 11Page - Micronas VDP313XY Datasheet HTML 12Page - Micronas VDP313XY Datasheet HTML 13Page - Micronas VDP313XY Datasheet HTML 14Page - Micronas VDP313XY Datasheet HTML 15Page - Micronas VDP313XY Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
12
Micronas
Fig. 2–6: PAL color decoding options
Fig. 2–7: SECAM color decoding
2.4.9. Luminance Notch Filter
If a composite video signal is applied, the color infor-
mation is suppressed by a programmable notch filter.
The position of the filter center frequency depends on
the subcarrier frequency for PAL/NTSC. For SECAM,
the notch is directly controlled by the chrominance car-
rier
frequency.
This
considerably
reduces
the
cross-luminance. The frequency responses for all
three systems are shown in Fig. 2–8.
Fig. 2–8: Frequency responses of the luminance
notch filter for PAL, NTSC, SECAM
2.4.10.Skew Filtering
The system clock is free-running and not locked to the
TV line frequency. Therefore, the ADC sampling pat-
tern is not orthogonal. The decoded YCRCB signals
are converted to an orthogonal sampling raster by the
skew filters, which are part of the scaler block.
The skew filters allow the application of a group delay
to the input signals without introducing waveform or
frequency response distortion.
The amount of phase shift of this filter is controlled by
the horizontal PLL1. The accuracy of the filters is 1/32
clocks for luminance and 1/4 clocks for chrominance.
Thus the 4:2:2 YCRCB data is in an orthogonal pixel
format even in the case of nonstandard input signals
such as VCR.
Chroma
8
CVBS
Y
8
Luma
Y
8
CRCB
a) conventional
b) S-VHS
CRCB
Notch
filter
Chroma
Process.
1H
Delay
1H
Delay
Chroma
Process.
MUX
8
CVBS
Y
CRCB
Notch
filter
Chroma
Process.
1H
Delay
dB
MHz
10
02
4
6
8
10
0
–10
–20
–30
–40
dB
MHz
10
02
4
6
8
10
0
–10
–20
–30
–40
PAL/NTSC notch filter
SECAM notch filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com