Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 29 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 29 Page - Micronas

Back Button VDP313XY Datasheet HTML 25Page - Micronas VDP313XY Datasheet HTML 26Page - Micronas VDP313XY Datasheet HTML 27Page - Micronas VDP313XY Datasheet HTML 28Page - Micronas VDP313XY Datasheet HTML 29Page - Micronas VDP313XY Datasheet HTML 30Page - Micronas VDP313XY Datasheet HTML 31Page - Micronas VDP313XY Datasheet HTML 32Page - Micronas VDP313XY Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
29
2.14.Serial Interface
2.14.1.I2C-Bus Interface
Communication between the VDP and the external
controller is done via I2C-bus. The VDP has two
I2C-bus slave interfaces (for compatibility with VPC/
DDP applications) - one in the front-end and one in the
back-end. Both I2C-bus interfaces use I2C clock syn-
chronization to slow down the interface if required.
Both I2C-bus interfaces use one level of subaddress:
the I2C-bus chip address is used to address the IC and
a subaddress selects one of the internal registers. The
I2C-bus chip addresses are given below:
The registers of the VDP have 8 or 16-bit data size;
16-bit registers are accessed by reading/writing two
8-bit data words.
Fig. 2–27 shows I2C-bus protocols for read and write
operations of the interface; the read operation requires
an extra start condition and repetition of the chip
address with read command set.
Fig. 2–27: I2C-bus protocols
Table 2–3: I2C Chip Addresses
Chip
Address
A6
A5
A4
A3
A2
A1
A0
R/W
front-end
1
0
001
111/0
back-end
1
0
001
011/0
P
S
1
0
SDA
SCL
S
S
1000 111
1000 111
WAck
Ack
W
0111 1100
0111 1100
Ack
Ack
S
1 or 2 byte Data
1000 111
R
high byte Data
low byte Data
P
W
R
Ack
Nak
S
P
=
=
=
=
=
=
0
1
0
1
Start
Stop
Ack
Nak P
I2C write access
subaddress 7c
I2C read access
subaddress 7c
Ack
S
1000 111
W Ack
FPWR
Ack
P
byte high
send FP-address-
Ack
byte low
send FP-address-
Ack
S
1000 111
W Ack
FPDAT
Ack
P
byte high
send data-
Ack
byte low
send data-
Ack
I2C write access
to FP
S
1000 111
W Ack
FPRD
Ack
P
byte high
send FP-address-
Ack
byte low
send FP-address-
Ack
S
1000 111
W Ack
FPDAT
Ack
P
byte high
receive data-
Ack
byte low
receive data-
Nak
I2C read access
to FP
S
1000 111
R Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com