Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 59 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 59 Page - Micronas

Back Button VDP313XY Datasheet HTML 55Page - Micronas VDP313XY Datasheet HTML 56Page - Micronas VDP313XY Datasheet HTML 57Page - Micronas VDP313XY Datasheet HTML 58Page - Micronas VDP313XY Datasheet HTML 59Page - Micronas VDP313XY Datasheet HTML 60Page - Micronas VDP313XY Datasheet HTML 61Page - Micronas VDP313XY Datasheet HTML 62Page - Micronas VDP313XY Datasheet HTML 63Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
59
3.6. Electrical Characteristics
3.6.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only. Functional opera-
tion of the device at these or any other conditions
beyond those indicated in the “Recommended Operat-
ing Conditions/Characteristics” of this specification is
not implied. Exposure to absolute maximum ratings
conditions for extended periods may affect device reli-
ability.
3.6.2. Recommended Operating Conditions
Symbol
Parameter
Pin Name
Min.
Max.
Unit
TJ
Junction Temperature
0
125
°C
TS
Storage Temperature
−40
125
°C
PTOT
Total Power Dissipation
−
1400
mW
VSUPx
Supply Voltage
VSUPx
−0.3
6
V
VI
Input Voltage, all Inputs
−0.3
VSUPx+0.3
1)
V
VO
Output Voltage, all Outputs
−0.3
VSUPx+0.3
1)
V
VIO
Input/Output Voltage, all Open
Drain Outputs
−0.3
6
V
VES
Electrostatic Handling, HBM 2)
−2000
+2000
V
1) Refer to Pin Circuits (chapter 3.5. on page 57)
2) Human Body Model (HBM): R=1.5 k
Ω, C=100 pF
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
TA
Ambient Operating Temperature
0
−
65
°C
fXTAL
Clock Frequency
XTAL1/2
−
20.25
−
MHz
VSUPA
Analog Supply Voltage
VSUPAF
VSUPAB
4.75
5.0
5.25
V
VSUPD
Digital Supply Voltage
VSUPD
3.15
3.3
3.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com