Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 54 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 54 Page - Micronas

Back Button VDP313XY Datasheet HTML 50Page - Micronas VDP313XY Datasheet HTML 51Page - Micronas VDP313XY Datasheet HTML 52Page - Micronas VDP313XY Datasheet HTML 53Page - Micronas VDP313XY Datasheet HTML 54Page - Micronas VDP313XY Datasheet HTML 55Page - Micronas VDP313XY Datasheet HTML 56Page - Micronas VDP313XY Datasheet HTML 57Page - Micronas VDP313XY Datasheet HTML 58Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
54
Micronas
43
BIN
IN
GNDAB
Analog Blue Input
44
FBLIN
IN
GNDAB
Fast Blank Input
45
RIN2
IN
GNDAB
Analog Red Input2
46
GIN2
IN
GNDAB
Analog Green Input2
47
BIN2
IN
GNDAB
Analog Blue Input2
48
FBLIN2
IN
GNDAB
Fast Blank Input2
49
CLK20
OUT
LV
20.25 MHz System Clock Output
50
HOUT
OUT
X
Horizontal Drive Output
51
XTAL 1
IN
X
Analog Crystal Input
52
XTAL 2
OUT
X
Analog Crystal Output
53
CIN 2/CRIN
IN
LV
Analog Chroma 2/Component CR Input
54
CBIN
IN
LV
Component CB Input
55
GNDAF
SUPPLY
X
Analog Ground Frontend
56
SGND
IN
GNDAF
Signal Ground for Analog Input
57
VRT
IN
X
Reference Voltage Top, Video ADC
58
VSUPAF
SUPPLY
X
Analog Supply Voltage (5.0 V) Frontend
59
VOUT
OUT
LV
Analog Video Output
60
CIN1
IN
VRT
Analog Chroma 1 Input
61
VIN1
IN
VRT
Analog Video 1 Input
62
VIN2
IN
VRT
Analog Video 2 Input
63
VIN3
IN
VRT
Analog Video 3 Input
64
VIN4
IN
VRT
Analog Video 4 Input
Pin No.
Pin Name
Type
Connection
Short Description
PSDIP
64-pin
(If not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com