Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 71 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 71 Page - Micronas

Back Button VDP313XY Datasheet HTML 67Page - Micronas VDP313XY Datasheet HTML 68Page - Micronas VDP313XY Datasheet HTML 69Page - Micronas VDP313XY Datasheet HTML 70Page - Micronas VDP313XY Datasheet HTML 71Page - Micronas VDP313XY Datasheet HTML 72Page - Micronas VDP313XY Datasheet HTML 73Page - Micronas VDP313XY Datasheet HTML 74Page - Micronas VDP313XY Datasheet HTML 75Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
71
External RGB Voltage/Current Converter Characteristics
Resolution
ROUT
GOUT
BOUT
−
9
−
bit
IEXOUT
Full Scale Output Current
relative
96
100
104
%
Ref. to max. Digital RGB
VIN = 0.7 VPP,
contrast = 323
Full Scale Output Current
absolute
−
3.75
−
mA
Same as Digital RGB
CR
Contrast Adjust Range
−
16:511
−
Gain Match R-G, R-B, G-B
−2
−
2
%
Measured at RGB
Outputs VIN = 0.7 V,
contrast = 323
Gain Match to RGB-DACs
R-R, G-G, B-B
−3
−
3
%
Measured at RGB
Outputs VIN = 0.7 V,
contrast = 323
R/B/G Input Crosstalk
one channel talks
two channels talk
−−
−46
dB
Passive channel:
VIN = 0.7 V, contrast = 323
Crosstalk signal:
1.25 MHz, 3.75 mAPP
RGB Input Crosstalk from
Internal RGB
one channel talks
two channels talk
tree channels talk
−−
−50
dB
RGB Input Noise and
Distortion
−−
−50
dB
VIN=0.7 VPP at 1 MHz
contrast = 323
Bandwidth: 10 MHz
RGB Input Bandwidth
−3dB
15
−
MHz
VIN = 0.7 VPP,
contrast =323
RGB Input THD
−
−
−50
−40
−
−
dB
dB
Input signal 1 MHz
Input signal 6 MHz
VIN = 0.7 VPP
contrast =323
Differential Nonlinearity of
Contrast Adjust
−−
1LSB
VIN = 0.44 V
Integral Nonlinearity of
Contrast Adjust
−−
2LSB
VRGBO
R,G,B Output Voltage
−1.0
−
0.3
V
Referred to VSUPO
R,G,B Output Load
Resistance
−−
100
Ω
Ref. to VSUPO
VOUTC
RGB Output Compliance
−1.5
−1.3
−1.2
V
Ref. to VSUPO Sum of
max. Current of RGB-
DACs and max. Current of
Int. Brightness DACs is
2 % degraded
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com