Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 46 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 46 Page - Micronas

Back Button VDP313XY Datasheet HTML 42Page - Micronas VDP313XY Datasheet HTML 43Page - Micronas VDP313XY Datasheet HTML 44Page - Micronas VDP313XY Datasheet HTML 45Page - Micronas VDP313XY Datasheet HTML 46Page - Micronas VDP313XY Datasheet HTML 47Page - Micronas VDP313XY Datasheet HTML 48Page - Micronas VDP313XY Datasheet HTML 49Page - Micronas VDP313XY Datasheet HTML 50Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
46
Micronas
FP Status Register
12
general purpose control bits
bit[2:0]
reserved, do not change
bit[3]
vertical standard force
bit[8:4]
reserved, do not change
bit[9]
disable flywheel interlace
bit[11:10]
reserved, do not change
to enable vertical free run mode set vfrc to 1 and dflw to 0
0
1
GPC
VFRC
DFLW
13
standard recognition status (see also: ‘automatic standard recog-
nition’)
bit[0]
1
vertical lock
bit[1]
1
horizontally locked
bit[2]
no signal detected
bit[3]
1
color amplitude killer active
bit[4]
1
disable amplitude killer
bit[5]
1
color ident killer active
bit[6]
1
disable ident killer
bit[7]
1
interlace detected
bit[8]
1
no vertical sync detection
bit[9]
1
spurious vertical sync detection
bit[11:10]
reserved
−
ASR
14
input noise level
read only
NOISE
CB
number of lines per field, P/S: 312, N: 262
read only
NLPF
15
vertical field counter, incremented per field
VCNT
74
measured sync amplitude value, nominal: 768 (PAL), 732
(NTSC)
read only
SAMPL
36
measured burst amplitude
read only
BAMPL
F0
firmware version number
bit[7:0]
internal revision number
bit[11:8]
firmware release
read only
SW_VERSION
170
status of macrovision detection
bit[0]
AGC pulse detected
bit[1]
pseudo sync detected
read only
MCV_STATUS
Table 2–6: Control Registers of the Fast Processor for control of the video frontend functions
−default values are initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com