Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 24 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 24 Page - Micronas

Back Button VDP313XY Datasheet HTML 20Page - Micronas VDP313XY Datasheet HTML 21Page - Micronas VDP313XY Datasheet HTML 22Page - Micronas VDP313XY Datasheet HTML 23Page - Micronas VDP313XY Datasheet HTML 24Page - Micronas VDP313XY Datasheet HTML 25Page - Micronas VDP313XY Datasheet HTML 26Page - Micronas VDP313XY Datasheet HTML 27Page - Micronas VDP313XY Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
24
Micronas
2.11.5.Fast Blank Monitor
The presence of external analog RGB sources can be
detected by means of a fast blank monitor. The status
of the selected fast blank input can be monitored via
an I2C bus register. There is a 2 bit information, giving
static and dynamic indication of a fast blank signal.
The static bit is directly reading the fast blank input
line, whereas the dynamic bit is reading the status of a
flip-flop triggered by the negative edge of the fast blank
signal.
With this monitor logic it is possible to detect if there is
an external RGB source active and if it is a full screen
insertion or only a box. The monitor logic is connected
directly to the FBLIN1 or FBLIN2 pin. Selection is done
via I2C bus register.
2.11.6. Half Contrast Control
Insertion of transparent text pages or OSD onto the
video picture is often difficult to read, especially if the
video contrast is high. The VDP 313xY allows contrast
reduction of the video background by means of a half
contrast input (HCS pin). This input can be supplied
with a fast switching signal (similar to the fast blank
input), typically defining a rectangular box in which the
video picture is displayed with reduced contrast. The
analog RGB inputs are still displayed with full contrast.
Fig. 2–21: Fast Blank Selection Logic
2.11.7.IO Port Expander
The VDP 313xY provides a general purpose IO port to
control and monitor up to seven external signals. The
port direction is programmable for each bit individually.
Via I2C bus register it is possible to write or read each
port pin. Because of the relatively low I2C bus speed,
only slow or static signals can be handled.
Fig. 2–22: Half Contrast Switch Logic
FBPRIO
FBPOL
FBFOL1
FB
int
#
FBFOH1
FBLIN1
FBLIN2
FBFOH2 FBFOL2 FBMON
#
Fast
Blank
Selection
Fast
Blank
Monitor
HCSPOL
HCS
HCSEN HCSFOH
HCS intern
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com