Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 51 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 51 Page - Micronas

Back Button VDP313XY Datasheet HTML 47Page - Micronas VDP313XY Datasheet HTML 48Page - Micronas VDP313XY Datasheet HTML 49Page - Micronas VDP313XY Datasheet HTML 50Page - Micronas VDP313XY Datasheet HTML 51Page - Micronas VDP313XY Datasheet HTML 52Page - Micronas VDP313XY Datasheet HTML 53Page - Micronas VDP313XY Datasheet HTML 54Page - Micronas VDP313XY Datasheet HTML 55Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
51
2.14.2.2. Calculation of Vertical and East-West
Deflection Coefficients
In Table 2–9 and Table 2–10 the formula for the calcu-
lation of the deflection initialization parameters from
the polynominal coefficients a,b,c,d,e is given for the
vertical and East-West deflection. Let the polynomial
be
The initialization values for the accumulators a0..a3 for
vertical deflection and a0..a4 for East-West deflection
are 12-bit values. The coefficients that should be used
to calculate the initialization values for different field
frequencies are given below, the values must be
scaled by 128, i.e. the value for a0 of the 50 Hz vertical
deflection is:
P : a + b(x – 0.5) + c(x – 0.5)2 + d(x – 0.5)3 + e(x – 0.5)4
a0 = (a · 128 – b · 1365.3 + c · 682.7 – d · 682.7) / 128
Table 2–9: Calculation of Initialization values for
Vertical Sawtooth
Vertical Deflection 50 Hz
ab
c
d
a0
128
–1365.3
682.7
–682.7
a1
899.6
–904.3
1363.4
a2
296.4
–898.4
a3
585.9
Vertical Deflection 60 Hz
ab
c
d
a0
128
–1365.3
682.7
–682.7
a1
1083.5
–1090.2
1645.5
a2
429.9
–1305.8
a3
1023.5
Table 2–10: Calculation of Initialization values for
East-West Parabola
East-West Deflection 50 Hz
ab
c
d
e
a0
128
–341.3
1365.3
–85.3
341.3
a1
111.9
–899.6
84.8
–454.5
a2
586.8
–111.1
898.3
a3
72.1
–1171.7
a4
756.5
East-West Deflection 60 Hz
ab
c
d
e
a0
128
–341.3
1365.3
–85.3
341.3
a1
134.6
–1083.5
102.2
–548.4
a2
849.3
–161.2
1305.5
a3
125.6
–2046.6
a4
1584.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com