Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 22 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 22 Page - Micronas

Back Button VDP313XY Datasheet HTML 18Page - Micronas VDP313XY Datasheet HTML 19Page - Micronas VDP313XY Datasheet HTML 20Page - Micronas VDP313XY Datasheet HTML 21Page - Micronas VDP313XY Datasheet HTML 22Page - Micronas VDP313XY Datasheet HTML 23Page - Micronas VDP313XY Datasheet HTML 24Page - Micronas VDP313XY Datasheet HTML 25Page - Micronas VDP313XY Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
22
Micronas
In each field two sets of measurements can be taken:
a) The picture tube measurement returns results for
– cutoff R
– cutoff G
– cutoff B
– whitedrive R or G or B (sequentially)
b) The picture measurement returns data on
– active picture maximum current
– active picture minimum current
The tube measurement is automatically started when
the cutoff blue result register is read. Cutoff control for
RGB requires one field only while a complete whit-
edrive control requires three fields. If the measurement
mode is set to ‘offset check’, a measurement cycle is
run with the cutoff/whitedrive signals set to zero. This
allows to compensate the MADC offset as well as the
input the leakage currents. During cutoff and whit-
edrive measurements, the average beam current lim-
iter function (see Section 2.11.3. on page 23) is
switched off and a programmable value is used for the
brightness setting. The start line of the tube measure-
ment can be programmed via I2C-bus, the first line
used for the measurement, i.e. measurement of cutoff
red, is 2 lines after the programmed start line.
The picture measurement must be enabled by the con-
trol microprocessor after reading the min./max. result
registers. If a ‘1’ is written into bit 2 in subaddress 25,
the measurement runs for one field. For the next mea-
surement a ‘1’ has to be written again. The measure-
ment is always started at the beginning of active video.
The vertical timing for the picture measurement is pro-
grammable, and may even be a single line. Also the
signal bandwidth is switchable for the picture measure-
ment.
Two horizontal windows are available for the picture
measurement. The large window is active for the entire
active line. Tube measurement is always carried out
with the small window. Measurement windows for pic-
ture and tube measurement are shown in Fig. 2–19.
2.11.2.SCART Output Signal
The RGB output of the VDP 313xY can also be used
to drive a SCART output. In the case of the SCART
signal, the parameter CLMPR (clamping reference)
has to be set to 1. Then, during blanking, the RGB out-
puts are automatically set to 50 % of the maximum
brightness. The DC offset values can be adjusted with
the cutoff parameters CR, CG, and CB. The amplitudes
can be adjusted with the drive parameters WDR,
WDG, and WDB.
Fig. 2–19: Windows for tube and picture measure-
ments
active video
field 1/ 2
tube measurement
picture meas. start
picture meas. end
small window for tube
measurement (cutoff, whitedrive)
large window for active picture
picture meas. start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com