Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 36 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 36 Page - Micronas

Back Button VDP313XY Datasheet HTML 32Page - Micronas VDP313XY Datasheet HTML 33Page - Micronas VDP313XY Datasheet HTML 34Page - Micronas VDP313XY Datasheet HTML 35Page - Micronas VDP313XY Datasheet HTML 36Page - Micronas VDP313XY Datasheet HTML 37Page - Micronas VDP313XY Datasheet HTML 38Page - Micronas VDP313XY Datasheet HTML 39Page - Micronas VDP313XY Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
36
Micronas
Tube- and Picture-Measurements
7B
9
w v
picture measurement start line
bit[8:0]
(TML+9)..511
first line of picture measurement
23
PMST
6B
9
w v
picture measurement stop line
bit[8:0]
(PMST+1)..511
last line of picture measurement
308
PMSO
7F
9
w v
tube measurement line
bit[8:0]
0..511
start line for tube measurement
15
TML
25
8
w/r
tube and picture measurement control
bit[0]
0/1
disable/enable tube measure-
ment
bit[1]
0/1
80/40 kHz bandwidth for
picture measurement
bit[2]
0/1
disable/enable picture
measurement (writing a ’1’ starts
one measurement cycle)
bit[3]
0/1
large/small picture measurement
window, will be disabled from
bit[3] in address h’32
bit[4]
0/1
measure / offset check for adc
bit[7:5]
reserved
0PMC
TMEN
PMBW
PMEN
PMWIN
OFSEN
13
16
w/r
white drive measurement control
bit[9:0]
0..1023
RGB values for white drive beam
current measurement
bit[10]
reserved
bit[11]
0/1
RGB values for white drive beam
current measurement disabled/
enabled
512
0
WDM
WDRV
EWDM
18
19
1A
1D
1C
1B
8
r
measurement result registers
minimum in active picture
maximum in active picture
white drive
cutoff/leakage red
cutoff/leakage green
cutoff/leakage blue,
read pulse starts tube measure-
ment
−
MRMIN
MRMAX
MRWDR
MRCR
MRCG
MRCB
Table 2–5: I2C control and status registers of the video backend
(Registers are set to ’0’ at reset, default values are recommendations)
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com