Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 35 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 35 Page - Micronas

Back Button VDP313XY Datasheet HTML 31Page - Micronas VDP313XY Datasheet HTML 32Page - Micronas VDP313XY Datasheet HTML 33Page - Micronas VDP313XY Datasheet HTML 34Page - Micronas VDP313XY Datasheet HTML 35Page - Micronas VDP313XY Datasheet HTML 36Page - Micronas VDP313XY Datasheet HTML 37Page - Micronas VDP313XY Datasheet HTML 38Page - Micronas VDP313XY Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
35
Scan Velocity Modulation
5A
9
w v
video mode coefficients
bit[5:0]
gain1
bit[8:6]
differentiator delay 1
(0= filter off, 1...6= delay)
60
4
SVM1
SVG1
SVD1
52
9
w v
limiter
bit[6:0]
limit value
bit[8:5]
not used, set to “0”
100
0
SVM3
SVLIM
4E
9
w v
delay and coring
bit[3:0]
adjustable delay, in 1/2 display clock steps,
bit[7:4]
coring value
bit[8]
not used, set to “0”
7
0
SVM4
SVDEL
SVCOR
Display Controls
4A
46
42
9
9
9
w v
w v
w v
cutoff Red
cutoff Green
cutoff Blue
0
0
0
CR
CG
CB
Table 2–5: I2C control and status registers of the video backend
(Registers are set to ’0’ at reset, default values are recommendations)
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com