Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 43 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 43 Page - Micronas

Back Button VDP313XY Datasheet HTML 39Page - Micronas VDP313XY Datasheet HTML 40Page - Micronas VDP313XY Datasheet HTML 41Page - Micronas VDP313XY Datasheet HTML 42Page - Micronas VDP313XY Datasheet HTML 43Page - Micronas VDP313XY Datasheet HTML 44Page - Micronas VDP313XY Datasheet HTML 45Page - Micronas VDP313XY Datasheet HTML 46Page - Micronas VDP313XY Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
43
23
luma/chroma delay adjust. The setting is updated when ’sdt’ reg-
ister is updated.
bit[5:0]
reserved, set to zero
bit[11:6]
luma delay in clocks,
allowed range is +1...
−7
0LDLY
21
Input select:
writing to this register will also initialize the
standard
bit[1:0]
luma selector
00
VIN1
01
VIN2
10
VIN3
11
VIN4
bit[2]
chroma selector
0CIN1
1CIN2
bit[4:3]
IF compensation
00
off
01
6 dB/Okt
10
12 dB/Okt
11
10 dB/MHz only for SECAM
bit[6:5]
chroma bandwidth selector
00
narrow
01
normal
10
broad
11
wide
bit[7]
0/1
adaptive/fixed SECAM notch filter
bit[8]
0/1
enable luma lowpass filter
bit[10:9]
hpll speed
00
no change
01
terrestrial
10
vcr
11
mixed
bit[11]
status bit, write 0, this bit is set to 1 to indicate
operation complete.
00
0
00
01
INSEL
VIS
CIS
IFC
CBW
FNTCH
LOWP
HPLLMD
Table 2–6: Control Registers of the Fast Processor for control of the video frontend functions
−default values are initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com